Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21VD Datasheet (PDF) - NXP Semiconductors

BAS21VD Datasheet PDF - NXP Semiconductors
Part # BAS21VD
Download  BAS21VD Download
File Size   126.06 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-voltage switching diode array

BAS21VD Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS21VD Datasheet PDF - NXP Semiconductors

Part # BAS21VD
Download  BAS21VD Click to download

File Size   126.06 Kbytes
Page   8 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-voltage switching diode array

BAS21VD Datasheet (HTML) - NXP Semiconductors


BAS21VD Product details

General description
Triple high-voltage switching diodes, encapsulated in a SOT457 (SC-74/TSOP6) small Surface-Mounted Device (SMD) plastic package.

Features and benefits
• High switching speed: trr ≤ 50 ns
• Low capacitance: Cd ≤ 5 pF
• Reverse voltage: VR ≤ 200 V
• AEC-Q101 qualified
• Repetitive peak reverse voltage: VRRM ≤ 250 V
• Repetitive peak forward current: IFRM ≤ 1 A
• Small SMD plastic package

Applications
• High-voltage switching in surface-mounted circuits
• Automotive
• Communication




Similar Part No. - BAS21VD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21VD PHILIPS-BAS21VD Datasheet
60Kb / 8P
High-voltage switching diode array
2003 Jul 02
logo
Nexperia B.V. All right...
BAS21VD NEXPERIA-BAS21VD Datasheet
666Kb / 11P
High-voltage switching diodes
1 August 2013
BAS21VD-Q NEXPERIA-BAS21VD-Q Datasheet
210Kb / 10P
High-voltage switching diodes
27 August 2024
logo
NXP Semiconductors
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
High-voltage switching diodes
1 August 2013
More results


Similar Description - BAS21VD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21VD PHILIPS-BAS21VD Datasheet
60Kb / 8P
High-voltage switching diode array
2003 Jul 02
logo
Diodes Incorporated
MMBD3004BRM DIODES-MMBD3004BRM Datasheet
90Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 5 - 2
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM Datasheet
137Kb / 3P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
MMBD5004BRM DIODES-MMBD5004BRM Datasheet
109Kb / 5P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30714 Rev. 4 - 2
MMBD3004BRM DIODES-MMBD3004BRM_08 Datasheet
126Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 8 - 2
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM_08 Datasheet
154Kb / 3P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS21TM DIODES-BAS21TM Datasheet
113Kb / 4P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
Rev erse
BAS21TM DIODES-BAS21TM_15 Datasheet
198Kb / 4P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
Rev erse
MMBD3004BRM DIODES-MMBD3004BRM_15 Datasheet
126Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
MMBD5004BRM DIODES-MMBD5004BRM_16 Datasheet
361Kb / 6P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com