Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21TM Datasheet (PDF) - Diodes Incorporated

BAS21TM Datasheet PDF - Diodes Incorporated
Part # BAS21TM
Download  BAS21TM Download
File Size   113.95 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY

BAS21TM Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS21TM Datasheet PDF - Diodes Incorporated

Part # BAS21TM
Download  BAS21TM Click to download

File Size   113.95 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY

BAS21TM Datasheet (HTML) - Diodes Incorporated


BAS21TM Product details

Features
• Fast Switching Speed: max. 50ns
• Continuous Reverse Voltage: max. 200V
• Repetitive Peak Reverse Voltage: max. 250V
• Repetitive Peak Forward Current: max. 1A
• Small Surface Mount Package
• For General Purpose Switching Applications
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - BAS21TM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21TM-7 DIODES-BAS21TM-7 Datasheet
198Kb / 4P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
Rev erse
BAS21TMQ DIODES-BAS21TMQ Datasheet
370Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
March 2018 Rev. 2 - 2
BAS21TMQ-13 DIODES-BAS21TMQ-13 Datasheet
198Kb / 4P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
Rev erse
BAS21TMQ-13 DIODES-BAS21TMQ-13 Datasheet
370Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
March 2018 Rev. 2 - 2
logo
ON Semiconductor
BAS21TMR6 ONSEMI-BAS21TMR6 Datasheet
58Kb / 4P
High Voltage Switching Diode
September, 2015 ??Rev. 1
More results


Similar Description - BAS21TM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD3004BRM DIODES-MMBD3004BRM Datasheet
90Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 5 - 2
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM Datasheet
137Kb / 3P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
MMBD5004BRM DIODES-MMBD5004BRM Datasheet
109Kb / 5P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30714 Rev. 4 - 2
MMBD3004BRM DIODES-MMBD3004BRM_08 Datasheet
126Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 8 - 2
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM_08 Datasheet
154Kb / 3P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS21TM DIODES-BAS21TM_15 Datasheet
198Kb / 4P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
Rev erse
MMBD3004BRM DIODES-MMBD3004BRM_15 Datasheet
126Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
MMBD5004BRM DIODES-MMBD5004BRM_15 Datasheet
109Kb / 5P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM_16 Datasheet
321Kb / 5P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
MMBD5004BRM DIODES-MMBD5004BRM_16 Datasheet
361Kb / 6P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com