Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21TM Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS21TM
Description  SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS21TM Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS21TM Datasheet HTML 1Page - Diodes Incorporated BAS21TM Datasheet HTML 2Page - Diodes Incorporated BAS21TM Datasheet HTML 3Page - Diodes Incorporated BAS21TM Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS21TM
Document number: DS35388 Rev. 3 - 2
1 of 4
www.diodes.com
January 2012
© Diodes Incorporated
BAS21TM
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
Features
•
Fast Switching Speed: max. 50ns
•
Continuous Reverse Voltage: max. 200V
•
Repetitive Peak Reverse Voltage: max. 250V
•
Repetitive Peak Forward Current: max. 1A
•
Small Surface Mount Package
•
For General Purpose Switching Applications
•
Lead Free/RoHS Compliant (Note 1)
•
"Green" Device (Notes 2 and 3)
Mechanical Data
•
Case: SOT26
•
Case Material: Molded Plastic, "Green" Molding Compound,
Note 5. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Copper Alloy
leadframe (Lead Free Plating). Solderable per MIL-STD-202,
Method 208
•
Orientation: See Diagram
•
Weight: 0.009 grams (approximate)
Ordering Information (Notes 3)
Part Number
Case
Packaging
BAS21TM-7
SOT26
3000/Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
2018
Code
Y
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT26
Top View
Internal Schematic
XJJ = Product Type Marking Code
YM = Date Code Marking
Y =Year (ex: Z = 2012)
M = Month (ex: 9 = September)
XJJ


Similar Part No. - BAS21TM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS21TM-7 DIODES-BAS21TM-7 Datasheet
198Kb / 4P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
Rev erse
BAS21TMQ DIODES-BAS21TMQ Datasheet
370Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
March 2018 Rev. 2 - 2
BAS21TMQ-13 DIODES-BAS21TMQ-13 Datasheet
198Kb / 4P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
Rev erse
BAS21TMQ-13 DIODES-BAS21TMQ-13 Datasheet
370Kb / 4P
HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
March 2018 Rev. 2 - 2
logo
ON Semiconductor
BAS21TMR6 ONSEMI-BAS21TMR6 Datasheet
58Kb / 4P
High Voltage Switching Diode
September, 2015 ??Rev. 1
More results

Similar Description - BAS21TM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD3004BRM DIODES-MMBD3004BRM Datasheet
90Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 5 - 2
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM Datasheet
137Kb / 3P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
MMBD5004BRM DIODES-MMBD5004BRM Datasheet
109Kb / 5P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30714 Rev. 4 - 2
MMBD3004BRM DIODES-MMBD3004BRM_08 Datasheet
126Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
DS30387 Rev. 8 - 2
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM_08 Datasheet
154Kb / 3P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
BAS21TM DIODES-BAS21TM_15 Datasheet
198Kb / 4P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
Rev erse
MMBD3004BRM DIODES-MMBD3004BRM_15 Datasheet
126Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
MMBD5004BRM DIODES-MMBD5004BRM_15 Datasheet
109Kb / 5P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
logo
Pan Jit International I...
MMBD3004BRM PANJIT-MMBD3004BRM_16 Datasheet
321Kb / 5P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE ARRAY
logo
Diodes Incorporated
MMBD5004BRM DIODES-MMBD5004BRM_16 Datasheet
361Kb / 6P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE ARRAY
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com