Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846BS Datasheet (PDF) - NXP Semiconductors

BC846BS Datasheet PDF - NXP Semiconductors
Part # BC846BS
Download  BC846BS Download
File Size   106.12 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 65 V, 100 mA NPN/NPN general-purpose transistor

BC846BS Datasheet (PDF)

Go To PDF Page Download Datasheet
BC846BS Datasheet PDF - NXP Semiconductors

Part # BC846BS
Download  BC846BS Click to download

File Size   106.12 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 65 V, 100 mA NPN/NPN general-purpose transistor

BC846BS Datasheet (HTML) - NXP Semiconductors




Similar Part No. - BC846BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BC846BS PANJIT-BC846BS Datasheet
140Kb / 4P
NPN GENERAL PURPOSE TRANSISTORS
logo
Micro Commercial Compon...
BC846BS MCC-BC846BS Datasheet
343Kb / 4P
Dual NPN Small Signal Transistor 200mW
logo
SeCoS Halbleitertechnol...
BC846BS SECOS-BC846BS Datasheet
1Mb / 7P
NPN Plastic Encapsulate Transistor
logo
Micro Commercial Compon...
BC846BS MCC-BC846BS Datasheet
372Kb / 4P
Dual NPN Small Signal Transistor 200mW
logo
Shenzhen Luguang Electr...
BC846BS LUGUANG-BC846BS Datasheet
695Kb / 4P
NPN general purpose Transistor
More results


Similar Description - BC846BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846DS NXP-BC846DS Datasheet
109Kb / 12P
65 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01-17 July 2009
logo
Nexperia B.V. All right...
BC846BM NEXPERIA-BC846BM Datasheet
662Kb / 11P
65 V, 100 mA NPN general-purpose transistor
20 August 2015
BC846BMB NEXPERIA-BC846BMB Datasheet
462Kb / 12P
65 V, 100 mA NPN general-purpose transistor
27 July 2020
BC846BS-Q NEXPERIA-BC846BS-Q Datasheet
249Kb / 12P
65 V, 100 mA NPN/NPN general-purpose transistor
17 June 2021
BC846BS NEXPERIA-BC846BS Datasheet
246Kb / 12P
65 V, 100 mA NPN/NPN general-purpose transistor
1 July 2022
BC846DS NEXPERIA-BC846DS Datasheet
640Kb / 12P
65 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01 - 17 July 2009
BC846XQB-Q_SER NEXPERIA-BC846XQB-Q_SER Datasheet
230Kb / 12P
65 V, 100 mA NPN general-purpose transistor
Rev. 1 - 20 September 2021
BC846XQB_SER NEXPERIA-BC846XQB_SER Datasheet
229Kb / 12P
65 V, 100 mA NPN general-purpose transistor
Rev. 1 - 20 September 2021
BC846XQC-Q_SER NEXPERIA-BC846XQC-Q_SER Datasheet
249Kb / 12P
65 V, 100 mA NPN general-purpose transistor
Rev. 2 - 12 May 2021
BC846XQC_SER NEXPERIA-BC846XQC_SER Datasheet
241Kb / 12P
65 V, 100 mA NPN general-purpose transistor
Rev. 1 - 4 January 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com