Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846BS Datasheet (PDF) - Micro Commercial Components

BC846BS Datasheet PDF - Micro Commercial Components
Part # BC846BS
Download  BC846BS Download
File Size   343.41 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Dual NPN Small Signal Transistor 200mW

BC846BS Datasheet (PDF)

Go To PDF Page Download Datasheet
BC846BS Datasheet PDF - Micro Commercial Components

Part # BC846BS
Download  BC846BS Click to download

File Size   343.41 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description Dual NPN Small Signal Transistor 200mW

BC846BS Datasheet (HTML) - Micro Commercial Components


BC846BS Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Ideally Suited for Automatic Insertion
• Ultra-Small Surface Mount Package
• For Switching and AF Amplifier Applications
• Marking: 4Ft
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BC846BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846BS NXP-BC846BS Datasheet
106Kb / 12P
65 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01-24 August 2009
logo
Pan Jit International I...
BC846BS PANJIT-BC846BS Datasheet
140Kb / 4P
NPN GENERAL PURPOSE TRANSISTORS
logo
SeCoS Halbleitertechnol...
BC846BS SECOS-BC846BS Datasheet
1Mb / 7P
NPN Plastic Encapsulate Transistor
logo
Micro Commercial Compon...
BC846BS MCC-BC846BS Datasheet
372Kb / 4P
Dual NPN Small Signal Transistor 200mW
logo
Shenzhen Luguang Electr...
BC846BS LUGUANG-BC846BS Datasheet
695Kb / 4P
NPN general purpose Transistor
More results


Similar Description - BC846BS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
PNP and NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817-16W TSC-BC817-16W Datasheet
576Kb / 4P
200mW, NPN Small Signal Transistor
BC807W TSC-BC807W Datasheet
553Kb / 4P
200mW, PNP Small Signal Transistor
BC817W TSC-BC817W Datasheet
350Kb / 6P
200mW, NPN Small Signal Transistor
BC807-16W TSC-BC807-16W Datasheet
150Kb / 6P
200mW, PNP Small Signal Transistor
BC856A TSC-BC856A_14 Datasheet
323Kb / 6P
200mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
PNP and NPN Small Signal Transistor 200mW
BC846S MCC-BC846S_13 Datasheet
372Kb / 4P
Dual NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
PNP and NPN Small Signal Transistor 200mW
BCW66F MCC-BCW66F Datasheet
271Kb / 3P
NPN Small Signal Transistor 200mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com