Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC869-16 Datasheet (PDF) - NXP Semiconductors

BC869-16 Datasheet PDF - NXP Semiconductors
Part # BC869-16
Download  BC869-16 Download
File Size   177.41 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP medium power transistor; 20 V, 1 A

BC869-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC869-16 Datasheet PDF - NXP Semiconductors

Part # BC869-16
Download  BC869-16 Click to download

File Size   177.41 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP medium power transistor; 20 V, 1 A

BC869-16 Datasheet (HTML) - NXP Semiconductors


BC869-16 Product details

General description
PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.

Features and benefits
■ High current
■ Three current gain selections
■ High power dissipation capability
■ Exposed heatsink for excellent thermal and electrical conductivity (SOT89, SOT1061)
■ Leadless very small SMD plastic package with medium power capability (SOT1061)
■ AEC-Q101 qualified

Applications
■ Linear voltage regulators
■ Power management
■ High-side switches
■ MOSFET drivers
■ Battery-driven devices
■ Amplifiers




Similar Part No. - BC869-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC869-16 PHILIPS-BC869-16 Datasheet
42Kb / 8P
PNP medium power transistor
1999 Apr 08
logo
Micro Commercial Compon...
BC869-16 MCC-BC869-16 Datasheet
199Kb / 2P
PNP Medium Power Transistors
logo
NXP Semiconductors
BC869-16 NXP-BC869-16 Datasheet
266Kb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
logo
Micro Commercial Compon...
BC869-16 MCC-BC869-16 Datasheet
253Kb / 2P
PNP Medium Power Transistors
logo
Nexperia B.V. All right...
BC869-16 NEXPERIA-BC869-16 Datasheet
1Mb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7 - 12 October 2011
More results


Similar Description - BC869-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 NXP-BCP69 Datasheet
94Kb / 13P
20 V, 1 A PNP medium power transistor
Rev. 06-2 December 2008
BC368 NXP-BC368 Datasheet
143Kb / 9P
NPN medium power transistor; 20 V, 1 A
2004 Nov 05
BCP68 NXP-BCP68 Datasheet
173Kb / 12P
NPN medium power transistor; 20 V, 1 A
2003 Nov 25
BCP68T NXP-BCP68T Datasheet
173Kb / 12P
NPN medium power transistor 20 V, 1 A
2003 Nov 25
logo
Nexperia B.V. All right...
BSR30-Q NEXPERIA-BSR30-Q Datasheet
181Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
BSR30 NEXPERIA-BSR30 Datasheet
181Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
BSR31-Q NEXPERIA-BSR31-Q Datasheet
181Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
BSR31 NEXPERIA-BSR31 Datasheet
180Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
BSR33-Q NEXPERIA-BSR33-Q Datasheet
181Kb / 7P
80 V, 1 A PNP medium power transistor
9 March 2023
BSR33 NEXPERIA-BSR33 Datasheet
181Kb / 7P
80 V, 1 A PNP medium power transistor
9 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com