Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC869-16 Datasheet (PDF) - Micro Commercial Components

BC869-16 Datasheet PDF - Micro Commercial Components
Part # BC869-16
Download  BC869-16 Download
File Size   199.62 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Medium Power Transistors

BC869-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC869-16 Datasheet PDF - Micro Commercial Components

Part # BC869-16
Download  BC869-16 Click to download

File Size   199.62 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Medium Power Transistors

BC869-16 Datasheet (HTML) - Micro Commercial Components


BC869-16 Product details

Features
• High current (max. 1.0A)
• Low voltage (max. 20V)
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - BC869-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC869-16 PHILIPS-BC869-16 Datasheet
42Kb / 8P
PNP medium power transistor
1999 Apr 08
BC869-16 NXP-BC869-16 Datasheet
177Kb / 11P
PNP medium power transistor; 20 V, 1 A
2004 Nov 08
BC869-16 NXP-BC869-16 Datasheet
266Kb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
logo
Micro Commercial Compon...
BC869-16 MCC-BC869-16 Datasheet
253Kb / 2P
PNP Medium Power Transistors
logo
Nexperia B.V. All right...
BC869-16 NEXPERIA-BC869-16 Datasheet
1Mb / 24P
20 V, 2 A PNP medium power transistors
Rev. 7 - 12 October 2011
More results


Similar Description - BC869-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
PNP MEDIUM POWER TRANSISTORS
Apr-2002
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
Medium Power PNP Transistors
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
MEDIUM POWER PNP TRANSISTORS
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
PNP medium power transistors
1999 Apr 26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com