Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRC250 Datasheet (PDF) - Zetex Semiconductors

ZRC250 Datasheet PDF - Zetex Semiconductors
Part # ZRC250
Download  ZRC250 Download
File Size   83.72 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE

ZRC250 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZRC250 Datasheet PDF - Zetex Semiconductors

Part # ZRC250
Download  ZRC250 Click to download

File Size   83.72 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE

ZRC250 Datasheet (HTML) - Zetex Semiconductors


ZRC250 Product details

DEVICE DESCRIPTION
The ZRC250 uses a bandgap circuit design to achieve a precision micropower voltage reference of 2.5 volts. The device is available in a small outline surface mount package, ideal for applications where space saving is important, as well as a package for through hole requirements.
The ZRC250 design provides a stable voltage without an external capacitor and is stable with capacitive loads. The ZRC250 is recommended for operation between 20µA and 5mA and so is ideally suited to low power and battery powered applications.

FEATURES
• Small outline SOT23 package
• TO92 style packages
• No stabilising capacitor required
• Low knee current, 15µA typical
• Typical TC 30ppm/°C
• Typical slope resistance 0.4Ω
• ± 3, 2 and 1% tolerance
• Industrial temperature range
• Operating current 20µA to 5mA
• Transient response, stable in less than 10µs
• Optional extended current range

APPLICATIONS
• Battery powered and portable equipment.
• Instrumentation.
• Test equipment.




Similar Part No. - ZRC250

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRC250 ZETEX-ZRC250 Datasheet
61Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC250 DIODES-ZRC250 Datasheet
105Kb / 6P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev 5
logo
Zetex Semiconductors
ZRC250A01 ZETEX-ZRC250A01 Datasheet
61Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250A02 ZETEX-ZRC250A02 Datasheet
61Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250A03 ZETEX-ZRC250A03 Datasheet
61Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
More results


Similar Description - ZRC250

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRC330 ZETEX-ZRC330 Datasheet
121Kb / 5P
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 ZETEX-ZRC400 Datasheet
71Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC500 ZETEX-ZRC500 Datasheet
72Kb / 5P
PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250 ZETEX-ZRC250_03 Datasheet
61Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 ZETEX-ZRC330_03 Datasheet
63Kb / 5P
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 ZETEX-ZRC400_03 Datasheet
60Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC250 DIODES-ZRC250 Datasheet
105Kb / 6P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev 5
ZRC330 DIODES-ZRC330 Datasheet
103Kb / 6P
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev 6
ZRC400 DIODES-ZRC400 Datasheet
105Kb / 6P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev 5
ZRC500 DIODES-ZRC500 Datasheet
141Kb / 9P
PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com