Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRC500 Datasheet (PDF) - Zetex Semiconductors

ZRC500 Datasheet PDF - Zetex Semiconductors
Part # ZRC500
Download  ZRC500 Download
File Size   72.23 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE

ZRC500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZRC500 Datasheet PDF - Zetex Semiconductors

Part # ZRC500
Download  ZRC500 Click to download

File Size   72.23 Kbytes
Page   5 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE

ZRC500 Datasheet (HTML) - Zetex Semiconductors


ZRC500 Product details

DEVICE DESCRIPTION
The ZRC500 uses a bandgap circuit design to achieve a precision micropower voltage reference of 5.0 volts. The device is available in small outline surface mount packages, ideal for applications where space saving is important, as well as packages for through hole requirements.

FEATURES
• Small outline SOT23, SO8 and TO92 style packages
• No stabilising capacitor required
• Low knee current, 19µA typical
• Typical TC 30ppm/°C
• Typical slope resistance 0.4Ω
• ± 3%, 2% and 1% tolerance
• Industrial temperature range
• Operating current 25µA to 5mA
• Transient response, stable in less than 10µs
• Optional extended current range

APPLICATIONS
• Battery powered and portable equipment.
• Instrumentation.
• Test equipment.
• Metering and measurement systems.




Similar Part No. - ZRC500

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZRC500 DIODES-ZRC500 Datasheet
141Kb / 9P
PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev Package
ZRC500F01TA DIODES-ZRC500F01TA Datasheet
141Kb / 9P
PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev Package
ZRC500F02TA DIODES-ZRC500F02TA Datasheet
141Kb / 9P
PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev Package
ZRC500F03TA DIODES-ZRC500F03TA Datasheet
141Kb / 9P
PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev Package
More results


Similar Description - ZRC500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRC250 ZETEX-ZRC250 Datasheet
83Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 ZETEX-ZRC330 Datasheet
121Kb / 5P
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 ZETEX-ZRC400 Datasheet
71Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250 ZETEX-ZRC250_03 Datasheet
61Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 ZETEX-ZRC330_03 Datasheet
63Kb / 5P
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 ZETEX-ZRC400_03 Datasheet
60Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC250 DIODES-ZRC250 Datasheet
105Kb / 6P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev 5
ZRC330 DIODES-ZRC330 Datasheet
103Kb / 6P
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev 6
ZRC400 DIODES-ZRC400 Datasheet
105Kb / 6P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev 5
ZRC500 DIODES-ZRC500 Datasheet
141Kb / 9P
PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com