Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT138 Datasheet (PDF) - NXP Semiconductors

BT138 Datasheet PDF - NXP Semiconductors
Part # BT138
Download  BT138 Download
File Size   89.91 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 12 A four-quadrant triacs, sensitive gate

BT138 Datasheet (PDF)

Go To PDF Page Download Datasheet
BT138 Datasheet PDF - NXP Semiconductors

Part # BT138
Download  BT138 Click to download

File Size   89.91 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 12 A four-quadrant triacs, sensitive gate

BT138 Datasheet (HTML) - NXP Semiconductors


BT138 Product details

General description

Passivated sensitive gate triac in a SOT78 plastic package.



Features

■ Very sensitive gate

■ Gate triggering in four quadrants

■ Direct interfacing to logic level ICs

■ Direct interfacing to low power gate drive circuits



Applications

■ General purpose switching and phase control

■ 230 V lamp dimmers



 




Similar Part No. - BT138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138 PHILIPS-BT138 Datasheet
48Kb / 6P
Triacs
September 1997 Rev 1.200
BT138 PHILIPS-BT138 Datasheet
47Kb / 6P
Triacs sensitive gate
September 1997 Rev 1.200
logo
Unisonic Technologies
BT138 UTC-BT138 Datasheet
182Kb / 5P
TRIACS LOGIC LEVEL
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
TRIACS
logo
Inchange Semiconductor ...
BT138 ISC-BT138 Datasheet
225Kb / 1P
isc Triacs
More results


Similar Description - BT138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
SENSITIVE GATE TRIACS
Feb-1989
BTA08S STMICROELECTRONICS-BTA08S Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
TLC116 STMICROELECTRONICS-TLC116 Datasheet
52Kb / 5P
SENSITIVE GATE TRIACS
Feb-1999
logo
NXP Semiconductors
BT138X NXP-BT138X Datasheet
93Kb / 12P
12 A four-quadrant triacs, sensitive gate
Rev. 03-10 March 2008
BT138Y NXP-BT138Y Datasheet
89Kb / 12P
12 A four-quadrant triacs, sensitive gate, insulated
Rev. 01-3 June 2008
BT236X NXP-BT236X Datasheet
87Kb / 12P
6 A Four-quadrant triacs
Rev. 02-14 March 2006
logo
Tiger Electronic Co.,Lt...
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
Triacs sensitive gate
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
Sensitive Gate Triacs
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com