Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT138Y Datasheet (PDF) - NXP Semiconductors

BT138Y Datasheet PDF - NXP Semiconductors
Part # BT138Y
Download  BT138Y Download
File Size   89.15 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 12 A four-quadrant triacs, sensitive gate, insulated

BT138Y Datasheet (PDF)

Go To PDF Page Download Datasheet
BT138Y Datasheet PDF - NXP Semiconductors

Part # BT138Y
Download  BT138Y Click to download

File Size   89.15 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 12 A four-quadrant triacs, sensitive gate, insulated

BT138Y Datasheet (HTML) - NXP Semiconductors


BT138Y Product details

General description
Passivated sensitive gate triac in an internally insulated TO-220 plastic package.

Features
■ Isolated mounting base
■ 2500 V RMS isolation voltage
■ Sensitive gate
■ Gate triggering in four quadrants
■ Direct interfacing to logic level ICs
■ Direct interfacing to low-power gate drive circuits

Applications
■ General-purpose switching and phase control
■ 230 V lamp dimmers




Similar Part No. - BT138Y

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BT138Y-600E WEEN-BT138Y-600E Datasheet
332Kb / 13P
4Q Triac
logo
Inchange Semiconductor ...
BT138Y-600E ISC-BT138Y-600E Datasheet
291Kb / 2P
isc Thyristors
logo
WeEn Semiconductors
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
4Q Triac
More results


Similar Description - BT138Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
SENSITIVE GATE TRIACS
Feb-1989
BTA08S STMICROELECTRONICS-BTA08S Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
TLC116 STMICROELECTRONICS-TLC116 Datasheet
52Kb / 5P
SENSITIVE GATE TRIACS
Feb-1999
logo
NXP Semiconductors
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BT138 NXP-BT138 Datasheet
89Kb / 12P
12 A four-quadrant triacs, sensitive gate
Rev. 02-12 March 2008
BT138X NXP-BT138X Datasheet
93Kb / 12P
12 A four-quadrant triacs, sensitive gate
Rev. 03-10 March 2008
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BT236X NXP-BT236X Datasheet
87Kb / 12P
6 A Four-quadrant triacs
Rev. 02-14 March 2006
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com