Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151S Datasheet (PDF) - NXP Semiconductors

BT151S Datasheet PDF - NXP Semiconductors
Part # BT151S
Download  BT151S Download
File Size   83.08 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Thyristors

BT151S Datasheet (PDF)

Go To PDF Page Download Datasheet
BT151S Datasheet PDF - NXP Semiconductors

Part # BT151S
Download  BT151S Click to download

File Size   83.08 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Thyristors

BT151S Datasheet (HTML) - NXP Semiconductors


BT151S Product details

General description

Passivated thyristors in a SOT428 plastic package.



Features

High thermal cycling performance

Surface-mounted package

High bidirectional blocking voltage capability



Applications

Motor control

Static switching

Ignition circuits

Protection circuits



Quick reference data

VDRM≤500 V (BT151S-500L/R)

ITSM≤120 A (t = 10 ms)

VRRM≤500 V (BT151S-500L/R)

IT(RMS)≤12 A

VDRM≤650 V (BT151S-650L/R)

IT(AV)≤7.5 A

VRRM≤650 V (BT151S-650L/R)

IGT≤5 mA (BT151S series L)

VDRM≤800 V (BT151S-800R)

IGT≤15 mA (BT151S series R)

VRRM≤800 V (BT151S-800R)




Similar Part No. - BT151S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151S PHILIPS-BT151S Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
HAOPIN MICROELECTRONICS...
BT151S HAOPIN-BT151S Datasheet
382Kb / 5P
Blocking voltage to 800 V
logo
WeEn Semiconductors
BT151S-500L WEEN-BT151S-500L Datasheet
273Kb / 12P
SCR
logo
NXP Semiconductors
BT151S-500R PHILIPS-BT151S-500R Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
Inchange Semiconductor ...
BT151S-500R ISC-BT151S-500R Datasheet
151Kb / 1P
isc Thyristors
More results


Similar Description - BT151S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com