Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151S Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

BT151S Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # BT151S
Download  BT151S Download
File Size   382.33 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 800 V

BT151S Datasheet (PDF)

Go To PDF Page Download Datasheet
BT151S Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # BT151S
Download  BT151S Click to download

File Size   382.33 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 800 V

BT151S Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


BT151S Product details

Description
Standard gate triggering SCR is fully isolated package suitable for the application where requiring
high bidirectional blocking voltage capability and also suitable for over voltage protection ,motor
control circuit in power tool, inrush current limit circuit and heating control system.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 800 V
On-state RMS current to 12 A




Similar Part No. - BT151S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151S PHILIPS-BT151S Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
BT151S NXP-BT151S Datasheet
83Kb / 13P
Thyristors
Rev. 05-9 October 2006
BT151S-500L NXP-BT151S-500L Datasheet
83Kb / 13P
Thyristors
Rev. 05-9 October 2006
logo
WeEn Semiconductors
BT151S-500L WEEN-BT151S-500L Datasheet
273Kb / 12P
SCR
logo
NXP Semiconductors
BT151S-500R PHILIPS-BT151S-500R Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
More results


Similar Description - BT151S

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BT151 HAOPIN-BT151 Datasheet
464Kb / 5P
Blocking voltage to 800 V
BTA08-600SW HAOPIN-BTA08-600SW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600SW HAOPIN-BTB06-600SW Datasheet
424Kb / 5P
Blocking voltage to 600 V
BTB08-600CW HAOPIN-BTB08-600CW Datasheet
433Kb / 5P
Blocking voltage to 600 V
MCR310 HAOPIN-MCR310 Datasheet
281Kb / 4P
Blocking voltage to 800 V
TS820 HAOPIN-TS820 Datasheet
420Kb / 5P
Blocking voltage to 800 V
BT150 HAOPIN-BT150 Datasheet
391Kb / 5P
Blocking voltage to 800 V
BT258 HAOPIN-BT258 Datasheet
312Kb / 5P
Blocking voltage to 800 V
BT258S HAOPIN-BT258S Datasheet
358Kb / 5P
Blocking voltage to 800 V
MAC4DCN HAOPIN-MAC4DCN Datasheet
495Kb / 6P
Blocking voltage to 800 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com