Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT151 Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

BT151 Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # BT151
Download  BT151 Download
File Size   464.29 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 800 V

BT151 Datasheet (PDF)

Go To PDF Page Download Datasheet
BT151 Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # BT151
Download  BT151 Click to download

File Size   464.29 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 800 V

BT151 Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


BT151 Product details

Description
Standard gate triggering SCR is fully isolated package suitable for the application where requiring
high bidirectional blocking voltage capability and also suitable for over voltage protection ,motor
control circuit in power tool, inrush current limit circuit and heating control system.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 800 V
On-state RMS current to 12 A
Ultra low gate trigger current




Similar Part No. - BT151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151 PHILIPS-BT151 Datasheet
43Kb / 6P
Thyristors
September 1997 Rev 1.200
logo
Unisonic Technologies
BT151 UTC-BT151 Datasheet
189Kb / 5P
BT151
BT151 UTC-BT151 Datasheet
211Kb / 5P
SCRS
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
logo
First Components Intern...
BT151 FCI-BT151 Datasheet
92Kb / 2P
12 Amp Silicon Controlled rectifiers all conduction angles
More results


Similar Description - BT151

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BT151S HAOPIN-BT151S Datasheet
382Kb / 5P
Blocking voltage to 800 V
BTA08-600SW HAOPIN-BTA08-600SW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600SW HAOPIN-BTB06-600SW Datasheet
424Kb / 5P
Blocking voltage to 600 V
BTB08-600CW HAOPIN-BTB08-600CW Datasheet
433Kb / 5P
Blocking voltage to 600 V
MCR310 HAOPIN-MCR310 Datasheet
281Kb / 4P
Blocking voltage to 800 V
TS820 HAOPIN-TS820 Datasheet
420Kb / 5P
Blocking voltage to 800 V
BT150 HAOPIN-BT150 Datasheet
391Kb / 5P
Blocking voltage to 800 V
BT258 HAOPIN-BT258 Datasheet
312Kb / 5P
Blocking voltage to 800 V
BT258S HAOPIN-BT258S Datasheet
358Kb / 5P
Blocking voltage to 800 V
MAC4DCN HAOPIN-MAC4DCN Datasheet
495Kb / 6P
Blocking voltage to 800 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com