Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4DCN Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

MAC4DCN Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # MAC4DCN
Download  MAC4DCN Download
File Size   495.47 Kbytes
Page   6 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 800 V

MAC4DCN Datasheet (PDF)

Go To PDF Page Download Datasheet
MAC4DCN Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # MAC4DCN
Download  MAC4DCN Click to download

File Size   495.47 Kbytes
Page   6 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 800 V

MAC4DCN Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


MAC4DCN Product details

Description
Passivated high commutation triacs in a plastic envelope intended for use in circuits where
high static and dynamic dV/dt and high dI/dt can occur. These devices will commutate the
full rated ms current at the maximum rated junction temperature without the aid of a snubber.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 800 V
On-state RMS current to 4 A




Similar Part No. - MAC4DCN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC4DCN MOTOROLA-MAC4DCN Datasheet
156Kb / 8P
TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
logo
ON Semiconductor
MAC4DCN ONSEMI-MAC4DCN Datasheet
120Kb / 8P
Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 4
MAC4DCN ONSEMI-MAC4DCN Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC4DCN-001 ONSEMI-MAC4DCN-001 Datasheet
120Kb / 8P
Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 4
MAC4DCN-001 ONSEMI-MAC4DCN-001 Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
More results


Similar Description - MAC4DCN

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BT151 HAOPIN-BT151 Datasheet
464Kb / 5P
Blocking voltage to 800 V
BT151S HAOPIN-BT151S Datasheet
382Kb / 5P
Blocking voltage to 800 V
BTA08-600SW HAOPIN-BTA08-600SW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600SW HAOPIN-BTB06-600SW Datasheet
424Kb / 5P
Blocking voltage to 600 V
BTB08-600CW HAOPIN-BTB08-600CW Datasheet
433Kb / 5P
Blocking voltage to 600 V
MCR310 HAOPIN-MCR310 Datasheet
281Kb / 4P
Blocking voltage to 800 V
TS820 HAOPIN-TS820 Datasheet
420Kb / 5P
Blocking voltage to 800 V
BT150 HAOPIN-BT150 Datasheet
391Kb / 5P
Blocking voltage to 800 V
BT258 HAOPIN-BT258 Datasheet
312Kb / 5P
Blocking voltage to 800 V
BT258S HAOPIN-BT258S Datasheet
358Kb / 5P
Blocking voltage to 800 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com