Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4DCN Datasheet (PDF) - ON Semiconductor

MAC4DCN Datasheet PDF - ON Semiconductor
Part # MAC4DCN
Download  MAC4DCN Download
File Size   120.85 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Triacs Silicon Bidirectional Thyristors

MAC4DCN Datasheet (PDF)

Go To PDF Page Download Datasheet
MAC4DCN Datasheet PDF - ON Semiconductor

Part # MAC4DCN
Download  MAC4DCN Click to download

File Size   120.85 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Triacs Silicon Bidirectional Thyristors

MAC4DCN Datasheet (HTML) - ON Semiconductor


MAC4DCN Product details

Designed for high volume, low cost, industrial and consumer applications such as motor control; process control; temperature, light and speed control.

Features
• Small Size Surface Mount DPAK Package
• Passivated Die for Reliability and Uniformity
• Blocking Voltage to 800 V
• On−State Current Rating of 4.0 A RMS at 108°C
• High Immunity to dv/dt − 500 V/s at 125°C
• High Immunity to di/dt − 6.0 A/ms at 125°C
• Epoxy Meets UL 94 V−0 @ 0.125 in
• ESD Ratings: Human Body Model, 3B  8000 V Machine Model, C  400 V
• Pb−Free Packages are Available




Similar Part No. - MAC4DCN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC4DCN MOTOROLA-MAC4DCN Datasheet
156Kb / 8P
TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
logo
ON Semiconductor
MAC4DCN ONSEMI-MAC4DCN Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
logo
HAOPIN MICROELECTRONICS...
MAC4DCN HAOPIN-MAC4DCN Datasheet
495Kb / 6P
Blocking voltage to 800 V
logo
ON Semiconductor
MAC4DCN-001 ONSEMI-MAC4DCN-001 Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC4DCN-1G ONSEMI-MAC4DCN-1G Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
More results


Similar Description - MAC4DCN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4M ONSEMI-MAC4M Datasheet
115Kb / 8P
TRIACS, Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
MAC224A ONSEMI-MAC224A Datasheet
53Kb / 8P
Triacs Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com