Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FKSSD1025 Datasheet (PDF) - Pericom Semiconductor Corporation

FKSSD1025 Datasheet PDF - Pericom Semiconductor Corporation
Part # FKSSD1025
Download  FKSSD1025 Download
File Size   759.92 Kbytes
Page   2 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V CMOS Low-Jitter 25 MHz SASx/SATAx

FKSSD1025 Datasheet (PDF)

Go To PDF Page Download Datasheet
FKSSD1025 Datasheet PDF - Pericom Semiconductor Corporation

Part # FKSSD1025
Download  FKSSD1025 Click to download

File Size   759.92 Kbytes
Page   2 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V CMOS Low-Jitter 25 MHz SASx/SATAx

FKSSD1025 Datasheet (HTML) - Pericom Semiconductor Corporation




Similar Part No. - FKSSD1025

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
FKS PANASONIC-FKS Datasheet
798Kb / 4P
Aluminum Electrolytic Capacitors (SMD Type)
17-Apr-19
logo
FETek Technology Corp.
FKS0004 FETEK-FKS0004 Datasheet
562Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKS0014 FETEK-FKS0014 Datasheet
551Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKS0016 FETEK-FKS0016 Datasheet
620Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKS0026 FETEK-FKS0026 Datasheet
718Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
More results


Similar Description - FKSSD1025

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSOFV GOLLEDGE-MCSOFV Datasheet
65Kb / 1P
3.3V CMOS Oscillator Low Jitter
logo
Pericom Semiconductor C...
FNDDR1133 PERICOM-FNDDR1133 Datasheet
723Kb / 2P
3.3V CMOS Low-Jitter 133.330 MHz DDR XO
FNETHE025 PERICOM-FNETHE025 Datasheet
734Kb / 2P
3.3V CMOS Low-Jitter 25 MHz GbE XO
FNGEPO002 PERICOM-FNGEPO002 Datasheet
732Kb / 2P
3.3V CMOS Low-Jitter 2.048 MHz VoIP XO
FNSTB1027 PERICOM-FNSTB1027 Datasheet
735Kb / 2P
3.3V CMOS Low-Jitter 27 MHz MPEG4 XO
FNSURV027 PERICOM-FNSURV027 Datasheet
738Kb / 2P
3.3V CMOS Low-Jitter 27 MHz MPEG4 XO
FNSURV054 PERICOM-FNSURV054 Datasheet
552Kb / 2P
3.3V CMOS Low-Jitter 54 MHz MPEG4 XO
SX10GE156 PERICOM-SX10GE156 Datasheet
551Kb / 2P
3.3V CMOS Low-Jitter 156.25 MHz 10GbE XO
SXGPON155 PERICOM-SXGPON155 Datasheet
532Kb / 2P
3.3V CMOS Low-Jitter 155.52 MHz GPON XO
logo
Diodes Incorporated
FNGEPO002 DIODES-FNGEPO002 Datasheet
529Kb / 2P
3.3V CMOS Low-Jitter 2.048 MHz VoIP XO
Rev E 06/18/10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com