Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZA100 Datasheet (PDF) - NXP Semiconductors

BZA100 Datasheet PDF - NXP Semiconductors
Part # BZA100
Download  BZA100 Download
File Size   133.59 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 18-fold ESD transient voltage suppressor

BZA100 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZA100 Datasheet PDF - NXP Semiconductors

Part # BZA100
Download  BZA100 Click to download

File Size   133.59 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 18-fold ESD transient voltage suppressor

BZA100 Datasheet (HTML) - NXP Semiconductors


BZA100 Product details

DESCRIPTION
18-fold monolitic transient voltage suppressor. Its 18-fold junction common anode design protects 18 separate lines using only one package. This device is ideal for situations where board space is a premium.

FEATURES
• SO20 SMD package allows 18 separate voltage regulator diodes in a common anode configuration
• Working voltage: typ. 6.8 V
• Forward voltage: max. 1.3 V
• Maximum reverse peak power dissipation: 27.5 W at tp = 1 ms
• Maximum clamping voltage at peak pulse current: 11 V at 2.5 A
• Low leakage current: max. 2 µA
• ESD rating >8 kV, according IEC 801-2.

APPLICATIONS
• Where transient overvoltage protection in voltage and ESD sensitive equipment is required such as:
    – Computers
    – Printers
    – Business machines
    – Communication systems
    – Medical equipment.




Similar Part No. - BZA100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA100 PHILIPS-BZA100 Datasheet
60Kb / 8P
18-fold ESD transient voltage suppressor
1997 Dec 02
More results


Similar Description - BZA100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA100 PHILIPS-BZA100 Datasheet
60Kb / 8P
18-fold ESD transient voltage suppressor
1997 Dec 02
BZA109 PHILIPS-BZA109 Datasheet
144Kb / 12P
9-fold ESD transient voltage suppressor
1997 Dec 01
BZA109TS PHILIPS-BZA109TS Datasheet
308Kb / 12P
9-fold ESD Transient Suppressor
1997 Sep 08
BZA418A PHILIPS-BZA418A Datasheet
62Kb / 12P
Quadruple ESD transient voltage suppressor
2002 Sep 02
logo
Cooper Bussmann, Inc.
TVSA02V05C004 COOPER-TVSA02V05C004 Datasheet
352Kb / 2P
Transient Voltage ESD Suppressor
logo
NXP Semiconductors
BZA800A PHILIPS-BZA800A_15 Datasheet
179Kb / 11P
Quadruple ESD transient voltage suppressor
2000 Sep 25
logo
Unisonic Technologies
UZ18C UTC-UZ18C Datasheet
159Kb / 4P
18-FOLD ESD TRANSIENT VOLTAGE SUPPRESSOR
UZ18C6V8 UTC-UZ18C6V8 Datasheet
243Kb / 4P
18-FOLD ESD TRANSIENT VOLTAGE SUPPRESSOR
logo
Eaton All Rights Reserv...
TVSA EATON-TVSA Datasheet
401Kb / 2P
Transient voltage ESD suppressor
logo
Nexperia B.V. All right...
BZA900A_SER NEXPERIA-BZA900A_SER Datasheet
346Kb / 10P
Quadruple ESD transient voltage suppressor
2001 Sep 03
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com