Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZA109TS Datasheet (PDF) - NXP Semiconductors

BZA109TS Datasheet PDF - NXP Semiconductors
Part # BZA109TS
Download  BZA109TS Download
File Size   308.28 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-fold ESD Transient Suppressor

BZA109TS Datasheet (PDF)

Go To PDF Page Download Datasheet
BZA109TS Datasheet PDF - NXP Semiconductors

Part # BZA109TS
Download  BZA109TS Click to download

File Size   308.28 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 9-fold ESD Transient Suppressor

BZA109TS Datasheet (HTML) - NXP Semiconductors


BZA109TS Product details

DESCRIPTION
Monolithic silicon zener diode in a SOT339-1 package (SO20) for 9 bit wide undershoot/overshoot clamping, combined with fast ESD transient suppression.

FEATURES
• ESD rating > 8 kV, according to IEC1000-4-2
• SOT339 surface mount package
• Common anode configuration
•  Non-clamping range 0 - 6.8 V,
    negative clamping range <0.5 V,
    positive clamping range >6.8 V.

APPLICATIONS
• Computer and peripherals
• Audio and video equipment
• Communication systems
• Medical equipment.




Similar Part No. - BZA109TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA109 PHILIPS-BZA109 Datasheet
144Kb / 12P
9-fold ESD transient voltage suppressor
1997 Dec 01
More results


Similar Description - BZA109TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA100 PHILIPS-BZA100 Datasheet
60Kb / 8P
18-fold ESD transient voltage suppressor
1997 Dec 02
BZA109 PHILIPS-BZA109 Datasheet
144Kb / 12P
9-fold ESD transient voltage suppressor
1997 Dec 01
logo
Comchip Technology
CEAS035V0-G COMCHIP-CEAS035V0-G Datasheet
149Kb / 2P
Bidirectional ESD / Transient Suppressor
CKL COMCHIP-CKL Datasheet
109Kb / 2P
ESD / Transient Suppressor
logo
KOA Speer Electronics, ...
PGE323T KOA-PGE323T Datasheet
81Kb / 1P
unidirectional esd / transient suppressor
logo
NXP Semiconductors
BZA100 NXP-BZA100 Datasheet
133Kb / 7P
18-fold ESD transient voltage suppressor
1997 Dec 02
logo
Cooper Bussmann, Inc.
TVSA02V05C004 COOPER-TVSA02V05C004 Datasheet
352Kb / 2P
Transient Voltage ESD Suppressor
logo
Unisonic Technologies
UZ18C UTC-UZ18C Datasheet
159Kb / 4P
18-FOLD ESD TRANSIENT VOLTAGE SUPPRESSOR
UZ18C6V8 UTC-UZ18C6V8 Datasheet
243Kb / 4P
18-FOLD ESD TRANSIENT VOLTAGE SUPPRESSOR
logo
Eaton All Rights Reserv...
TVSA EATON-TVSA Datasheet
401Kb / 2P
Transient voltage ESD suppressor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com