Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZA109TS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZA109TS
Description  9-fold ESD Transient Suppressor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZA109TS Datasheet(HTML) 3 Page - NXP Semiconductors

  BZA109TS Datasheet HTML 1Page - NXP Semiconductors BZA109TS Datasheet HTML 2Page - NXP Semiconductors BZA109TS Datasheet HTML 3Page - NXP Semiconductors BZA109TS Datasheet HTML 4Page - NXP Semiconductors BZA109TS Datasheet HTML 5Page - NXP Semiconductors BZA109TS Datasheet HTML 6Page - NXP Semiconductors BZA109TS Datasheet HTML 7Page - NXP Semiconductors BZA109TS Datasheet HTML 8Page - NXP Semiconductors BZA109TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Sep 08
3
Philips Semiconductors
Preliminary specification
9-fold ESD Transient Suppressor
BZA109TS
LIMITING VALUES (per diode)
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note to the Limiting values and Thermal characteristics
1. Current is flowing from input to corresponding output.
2. One or more diodes loaded.
ELECTRICAL CHARACTERISTICS (per diode)
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IZ
reverse current
DC; Tamb =25 °C
−
20
mA
IF
forward current
DC; Tamb =25 °C
−
100
mA
IFT
feed-through current
DC; Tamb =25 °C; note 1
−
100
mA
IFSM
peak forward current
tp = 1 ms; square wave
−
4.5
A
IZSM
peak reverse current
tp = 1 ms; square wave
2.5
A
Ptot
total power dissipation
Tamb =25 °C; note 2
−
0.95
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient; note 2
135
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VZ
reverse voltage
IZ = 250 µA
6.4
6.8
7.2
V
VF
forward voltage
IF = 100 mA
−−
1.1
V
VZSM
reverse surge voltage
tp = 1 ms; IZSM = 2.5 A
−−
10
V
IH
input high current
VIN = 5.25 V
−−
0.5
µA
RZ
zener impedance
IZ = 250 µA
−−
100
Ω
SZ
temperature coefficient of VZ
−
3
−
mV/K
CD
input diode capacitance
f = 1 MHz; VR =0
−−
200
pF
f = 1 MHz; VR = 5.25 V
−−
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com