Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGY1047 Datasheet (PDF) - NXP Semiconductors

CGY1047 Datasheet PDF - NXP Semiconductors
Part # CGY1047
Download  CGY1047 Download
File Size   58.67 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 1 GHz, 27 dB gain GaAs push-pull amplifier

CGY1047 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY1047 Datasheet PDF - NXP Semiconductors

Part # CGY1047
Download  CGY1047 Click to download

File Size   58.67 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 1 GHz, 27 dB gain GaAs push-pull amplifier

CGY1047 Datasheet (HTML) - NXP Semiconductors


CGY1047 Product details

General description
Hybrid amplifier module in a SOT115J package, operating at a supply voltage of 24 V Direct Current (DC), employing Heterojunction Field Effect Transistor (HFET) GaAs dies.

Features
■ Excellent linearity, stability and reliability
■ Extremely low noise
■ Excellent return loss properties
■ Rugged construction
■ Unconditionally stable
■ Thermally optimized design
■ Superior levels of ESD protection
■ Compliant to Directive 2002/95/EC, regarding Restriction of the use of certain Hazardous Substances (RoHS)
■ Integrated ring wave surge protection

Applications
■ CATV systems operating in the 40 MHz to 1003 MHz frequency range




Similar Part No. - CGY1047

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY1047 NXP-CGY1047 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - CGY1047

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7831-HA CEL-MC-7831-HA Datasheet
260Kb / 3P
NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
10/03/2005
MC-7831-HA CEL-MC-7831-HA_07 Datasheet
252Kb / 3P
NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2764 ANADIGICS-ACA2764 Datasheet
519Kb / 3P
1 GHz, 21 dB Gain CATV Push-Pull Amplifier
Rev 0.0
logo
NXP Semiconductors
CGY1032 NXP-CGY1032 Datasheet
99Kb / 8P
1 GHz, 32 dB gain GaAs push-pull amplifier
Rev. 1-10 February 2011
CGY1041 NXP-CGY1041 Datasheet
99Kb / 8P
1 GHz, 21 dB gain GaAs push-pull amplifier
Rev. 1-10 February 2011
CGY1043 NXP-CGY1043 Datasheet
99Kb / 8P
1 GHz, 23 dB gain GaAs push-pull amplifier
Rev. 1-10 February 2011
BGY587B NXP-BGY587B_01 Datasheet
55Kb / 8P
550 MHz, 27 dB gain push-pull amplifier
2001 Oct 22
logo
California Eastern Labs
MC-7832HA CEL-MC-7832HA Datasheet
158Kb / 5P
1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
BGY587B_2015 JMNIC-BGY587B_2015 Datasheet
55Kb / 8P
550 MHz, 27 dB gain push-pull amplifier
BGY587B JMNIC-BGY587B_15 Datasheet
55Kb / 8P
550 MHz, 27 dB gain push-pull amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com