Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACA2764 Datasheet (PDF) - ANADIGICS, Inc

ACA2764 Datasheet PDF - ANADIGICS, Inc
Part # ACA2764
Download  ACA2764 Download
File Size   519.24 Kbytes
Page   3 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 1 GHz, 21 dB Gain CATV Push-Pull Amplifier

ACA2764 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACA2764 Datasheet PDF - ANADIGICS, Inc

Part # ACA2764
Download  ACA2764 Click to download

File Size   519.24 Kbytes
Page   3 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 1 GHz, 21 dB Gain CATV Push-Pull Amplifier

ACA2764 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - ACA2764

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2778 SKYWORKS-ACA2778 Datasheet
195Kb / 2P
1000 MHz High-Output CATV Push-Pull Amplifier
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
1 GHz, 21 dB Gain CATV Power Doubler Amplifier
Rev 0.0
ACA2784 ANADIGICS-ACA2784 Datasheet
503Kb / 3P
1 GHz, 21 dB Gain High Output Power DoublerAmplifier
Rev 0.0
ACA2786 ANADIGICS-ACA2786 Datasheet
507Kb / 3P
1 GHz, 25 dB Gain CATV Power Doubler Amplifier
Rev 0.0
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
1 GHz, 25 dB Gain CATV Power Doubler Amplifier
More results


Similar Description - ACA2764

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7831-HA CEL-MC-7831-HA Datasheet
260Kb / 3P
NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
10/03/2005
MC-7831-HA CEL-MC-7831-HA_07 Datasheet
252Kb / 3P
NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
1 GHz, 21 dB Gain CATV Power Doubler Amplifier
Rev 0.0
logo
NXP Semiconductors
CGY1047 NXP-CGY1047 Datasheet
58Kb / 7P
1 GHz, 27 dB gain GaAs push-pull amplifier
Rev. 01-30 July 2009
CGY1032 NXP-CGY1032 Datasheet
99Kb / 8P
1 GHz, 32 dB gain GaAs push-pull amplifier
Rev. 1-10 February 2011
CGY1041 NXP-CGY1041 Datasheet
99Kb / 8P
1 GHz, 21 dB gain GaAs push-pull amplifier
Rev. 1-10 February 2011
CGY1043 NXP-CGY1043 Datasheet
99Kb / 8P
1 GHz, 23 dB gain GaAs push-pull amplifier
Rev. 1-10 February 2011
logo
California Eastern Labs
MC-7832HA CEL-MC-7832HA Datasheet
158Kb / 5P
1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831-HA_2015 JMNIC-MC-7831-HA_2015 Datasheet
65Kb / 6P
1 GHz CATV 18 dB PUSH-PULL AMPLIFIER
MC-7832-HA_2015 JMNIC-MC-7832-HA_2015 Datasheet
65Kb / 6P
1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com