Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACA2764 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ACA2764
Description  1 GHz, 21 dB Gain CATV Push-Pull Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2764 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ACA2764 Datasheet HTML 1Page - ANADIGICS, Inc ACA2764 Datasheet HTML 2Page - ANADIGICS, Inc ACA2764 Datasheet HTML 3Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10/2009
ACA2764
1 GHz, 21 dB Gain
CATV Push-Pull Amplifier
ADVANCED PRODUCT INFORMATION - Rev 0.0
Figure 1: Simplified Hybrid Internal Arrangement
FEATURES
• 21 dB Gain
• 40 MHz to 1 GHz Operating Range
• 0.4 dB Gain Flatness
• 24V Supply
• Supply Current: 250 mA (Typ.)
• Very Low Distortion & Noise
• Robust Design and Insensitive to Voltage
Transients
• GaAs Monolithic IC-Based
• Standard SOT115J Package
APPLICATIONS
• Distribution Nodes, System Amplifiers, and Line
Extenders in CATV Systems
PRODUCT DESCRIPTION
The ACA2764 is a GaAs Hybrid Amplifier for CATV
HFC distribution systems. It consists of two pairs of
parallel amplifiers that are optimized for exceptionally
low distortion and noise figure. The ACA2764 is
offered in a standard SOT115J package.
Hybrid Pinout
Figure 2: Hybrid Pinout
Table 1: SOJ115J Pinning
PIN
Description
1
RF Input
2
GND
3
GND or No Connection
5
24 V
7, 8
GND
9
RF Output


Similar Part No. - ACA2764

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2778 SKYWORKS-ACA2778 Datasheet
195Kb / 2P
1000 MHz High-Output CATV Push-Pull Amplifier
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
1 GHz, 21 dB Gain CATV Power Doubler Amplifier
Rev 0.0
ACA2784 ANADIGICS-ACA2784 Datasheet
503Kb / 3P
1 GHz, 21 dB Gain High Output Power DoublerAmplifier
Rev 0.0
ACA2786 ANADIGICS-ACA2786 Datasheet
507Kb / 3P
1 GHz, 25 dB Gain CATV Power Doubler Amplifier
Rev 0.0
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
1 GHz, 25 dB Gain CATV Power Doubler Amplifier
More results

Similar Description - ACA2764

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7831-HA CEL-MC-7831-HA Datasheet
260Kb / 3P
NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
10/03/2005
MC-7831-HA CEL-MC-7831-HA_07 Datasheet
252Kb / 3P
NECs 1 GHz GaAs CATV 18 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
1 GHz, 21 dB Gain CATV Power Doubler Amplifier
Rev 0.0
logo
NXP Semiconductors
CGY1047 NXP-CGY1047 Datasheet
58Kb / 7P
1 GHz, 27 dB gain GaAs push-pull amplifier
Rev. 01-30 July 2009
CGY1032 NXP-CGY1032 Datasheet
99Kb / 8P
1 GHz, 32 dB gain GaAs push-pull amplifier
Rev. 1-10 February 2011
CGY1041 NXP-CGY1041 Datasheet
99Kb / 8P
1 GHz, 21 dB gain GaAs push-pull amplifier
Rev. 1-10 February 2011
CGY1043 NXP-CGY1043 Datasheet
99Kb / 8P
1 GHz, 23 dB gain GaAs push-pull amplifier
Rev. 1-10 February 2011
logo
California Eastern Labs
MC-7832HA CEL-MC-7832HA Datasheet
158Kb / 5P
1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831-HA_2015 JMNIC-MC-7831-HA_2015 Datasheet
65Kb / 6P
1 GHz CATV 18 dB PUSH-PULL AMPLIFIER
MC-7832-HA_2015 JMNIC-MC-7832-HA_2015 Datasheet
65Kb / 6P
1 GHz CATV 22 dB PUSH-PULL AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com