Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3223 Datasheet (PDF) - Micrel Semiconductor

MIC3223 Datasheet PDF - Micrel Semiconductor
Part # MIC3223
Download  MIC3223 Download
File Size   1286.19 Kbytes
Page   24 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Power Boost LED Driver with Integrated FET

MIC3223 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3223 Datasheet PDF - Micrel Semiconductor

Part # MIC3223
Download  MIC3223 Click to download

File Size   1286.19 Kbytes
Page   24 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Power Boost LED Driver with Integrated FET

MIC3223 Datasheet (HTML) - Micrel Semiconductor


MIC3223 Product details

General Description

The MIC3223 is a constant current boost LED driver capable of driving a series string of high power LEDs. The MIC3223 can be used in general lighting, bulb replacement, garden pathway lighting and other solid state illumination applications.

The MIC3223 is a peak current mode control PWM boost regulator and the 4.5V and 20V operating input voltage range allows multiple applications from a 5V or a 12V bus.



Features

• 4.5V to 20V supply voltage

• 200mV feedback voltage with an accuracy of ±5%

• Step-up output voltage (boost) conversion up to 37V

• 1MHz switching frequency

• 100mΩ/3.5A internal power FET switch

• LEDs can be dimmed using a PWM signal

• User settable LED current (through external resistor)

• Externally programmable soft-start

• Protection features that include:

   – Output over-voltage protection (OVP)

   – Under-voltage lockout (UVLO)

   – Over temperature protection

• Junction temperature range: -40°C to +125°C

• Available in a exposed pad 16-pin TSSOP package



Applications

• Architectural lighting

• Industrial lighting

• Signage

• Landscape lighting (garden/pathway)

• Under cabinet lighting

• MR-16 bulbs

 




Similar Part No. - MIC3223

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
More results


Similar Description - MIC3223

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
Integrated 6 String LED Boost Type Driver
logo
National Semiconductor ...
LM3431 NSC-LM3431_08 Datasheet
541Kb / 24P
3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
Texas Instruments
LP8543 TI-LP8543 Datasheet
1Mb / 40P
High-Voltage DC/DC Boost Converter With Integrated FET
LM3448 TI1-LM3448 Datasheet
1Mb / 43P
Phase Dimmable Offline LED Driver with Integrated FET
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
High power buck-boost white LED driver
10-Sep-2012
logo
SamHop Microelectronics...
SM8205 SAMHOP-SM8205 Datasheet
437Kb / 13P
High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
ON Semiconductor
LV52204MU ONSEMI-LV52204MU Datasheet
522Kb / 16P
LED Boost Driver with PWM
May, 2014
logo
Rohm
BD8152FVM ROHM-BD8152FVM_14 Datasheet
1Mb / 27P
Boost Converter with Integrated FET
logo
Allegro MicroSystems
A80606 ALLEGRO-A80606 Datasheet
5Mb / 41P
High Power LED Driver with Pre-Emptive Boost
logo
Shenzhen Huazhimei Semi...
HM5305 HMSEMI-HM5305 Datasheet
423Kb / 9P
Boost high-power LED constant current driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com