Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9530D Datasheet (PDF) - NXP Semiconductors

PCA9530D Datasheet PDF - NXP Semiconductors
Part # PCA9530D
Download  PCA9530D Download
File Size   152.7 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-bit I2C-bus LED dimmer

PCA9530D Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9530D Datasheet PDF - NXP Semiconductors

Part # PCA9530D
Download  PCA9530D Click to download

File Size   152.7 Kbytes
Page   24 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-bit I2C-bus LED dimmer

PCA9530D Datasheet (HTML) - NXP Semiconductors


PCA9530D Product details

General description
The PCA9530 is a 2-bit I2C-bus and SMBus I/O expander optimized for dimming LEDs in 256 discrete steps for Red/Green/Blue (RGB) color mixing and backlight applications.

Features
■ 2 LED drivers (on, off, flashing at a programmable rate)
■ 2 selectable, fully programmable blink rates (frequency and duty cycle) between 0.591 Hz and 152 Hz (1.69 seconds and 6.58 milliseconds)
■ 256 brightness steps
■ Input/output not used as LED drivers can be used as regular GPIOs
■ Internal oscillator requires no external components
■ I2C-bus interface logic compatible with SMBus
■ Internal power-on reset
■ Noise filter on SCL/SDA inputs
■ Active LOW reset input (RESET)
■ 2 open-drain outputs directly drive LEDs to 25 mA
■ Edge rate control on outputs
■ No glitch on power-up
■ Supports hot insertion
■ Low standby current
■ Operating power supply voltage range of 2.3 V to 5.5 V
■ 0 Hz to 400 kHz clock frequency
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 150 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
■ Packages offered: SO8, TSSOP8 (MSOP8)




Similar Part No. - PCA9530D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9530D PHILIPS-PCA9530D Datasheet
123Kb / 16P
2-bit I2C LED dimmer
2002 Dec 12
PCA9530DP PHILIPS-PCA9530DP Datasheet
123Kb / 16P
2-bit I2C LED dimmer
2002 Dec 12
More results


Similar Description - PCA9530D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9531 PHILIPS-PCA9531 Datasheet
154Kb / 20P
8-bit I2C LED dimmer
2003 Nov 10
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
4-bit I2C LED dimmer
2004 Oct 01
PCA9532 PHILIPS-PCA9532 Datasheet
154Kb / 20P
16-bit I2C LED dimmer
Rev. 04-17 March 2009
PCA9530 PHILIPS-PCA9530 Datasheet
123Kb / 16P
2-bit I2C LED dimmer
2002 Dec 12
logo
ON Semiconductor
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
logo
NXP Semiconductors
PCA9531 NXP-PCA9531 Datasheet
164Kb / 27P
8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9532 NXP-PCA9532 Datasheet
173Kb / 29P
16-bit I2C-bus LED dimmer
Rev. 04-17 March 2009
PCA9533 NXP-PCA9533 Datasheet
148Kb / 24P
4-bit I2C-bus LED dimmer
Rev. 03-27 April 2009
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
logo
NXP Semiconductors
PCA9531BS-T NXP-PCA9531BS-T Datasheet
164Kb / 27P
8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com