Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9530D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9530D
Description  2-bit I2C-bus LED dimmer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9530D Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9530D Datasheet HTML 1Page - NXP Semiconductors PCA9530D Datasheet HTML 2Page - NXP Semiconductors PCA9530D Datasheet HTML 3Page - NXP Semiconductors PCA9530D Datasheet HTML 4Page - NXP Semiconductors PCA9530D Datasheet HTML 5Page - NXP Semiconductors PCA9530D Datasheet HTML 6Page - NXP Semiconductors PCA9530D Datasheet HTML 7Page - NXP Semiconductors PCA9530D Datasheet HTML 8Page - NXP Semiconductors PCA9530D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PCA9530_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 26 February 2009
2 of 24
NXP Semiconductors
PCA9530
2-bit I2C-bus LED dimmer
I Noise filter on SCL/SDA inputs
I Active LOW reset input (RESET)
I 2 open-drain outputs directly drive LEDs to 25 mA
I Edge rate control on outputs
I No glitch on power-up
I Supports hot insertion
I Low standby current
I Operating power supply voltage range of 2.3 V to 5.5 V
I 0 Hz to 400 kHz clock frequency
I ESD protection exceeds 2000 V HBM per JESD22-A114, 150 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: SO8, TSSOP8 (MSOP8)
3.
Ordering information
[1]
Also known as MSOP8.
4.
Block diagram
Table 1.
Ordering information
Tamb = −40 °C to +85 °C
Type number
Topside
mark
Package
Name
Description
Version
PCA9530D
PCA9530
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9530DP
9530
TSSOP8[1] plastic thin shrink small outline package; 8 leads; body width 3 mm SOT505-1
Remark: Only one I/O shown for clarity.
Fig 1.
Block diagram
A0
002aae498
I2C-BUS
CONTROL
INPUT
FILTERS
PCA9530
POWER-ON
RESET
SCL
SDA
VDD
VSS
LEDn
RESET
OSCILLATOR
PRESCALER 1
REGISTER
PRESCALER 0
REGISTER
PWM1
REGISTER
PWM0
REGISTER
INPUT
REGISTER
LED SELECT (LSn)
REGISTER
BLINK0
BLINK1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com