Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9530D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9530D
Description  2-bit I2C-bus LED dimmer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9530D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9530D Datasheet HTML 9Page - NXP Semiconductors PCA9530D Datasheet HTML 10Page - NXP Semiconductors PCA9530D Datasheet HTML 11Page - NXP Semiconductors PCA9530D Datasheet HTML 12Page - NXP Semiconductors PCA9530D Datasheet HTML 13Page - NXP Semiconductors PCA9530D Datasheet HTML 14Page - NXP Semiconductors PCA9530D Datasheet HTML 15Page - NXP Semiconductors PCA9530D Datasheet HTML 16Page - NXP Semiconductors PCA9530D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PCA9530_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 26 February 2009
13 of 24
NXP Semiconductors
PCA9530
2-bit I2C-bus LED dimmer
(1) maximum
(2) average
(3) minimum
(1) maximum
(2) average
(3) minimum
Fig 16. Typical frequency variation over process at
VDD = 2.3 V to 3.0 V
Fig 17. Typical frequency variation over process at
VDD = 3.0 V to 5.5 V
−20 %
0 %
20 %
percent
variation
−40 %
Tamb (°C)
−40
100
−20
002aac524
0
20406080
(2)
(1)
(3)
−20 %
0 %
20 %
percent
variation
−40 %
Tamb (°C)
−40
100
−20
002aac525
0
20406080
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com