Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9541A Datasheet (PDF) - NXP Semiconductors

PCA9541A Datasheet PDF - NXP Semiconductors
Part # PCA9541A
Download  PCA9541A Download
File Size   220.06 Kbytes
Page   41 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-to-1 I2C-bus master selector with interrupt logic and reset

PCA9541A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9541A Datasheet PDF - NXP Semiconductors

Part # PCA9541A
Download  PCA9541A Click to download

File Size   220.06 Kbytes
Page   41 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 2-to-1 I2C-bus master selector with interrupt logic and reset

PCA9541A Datasheet (HTML) - NXP Semiconductors


PCA9541A Product details

General description
The PCA9541A is a 2-to-1 I2C-bus master selector designed for high reliability dual master I2C-bus applications where system operation is required, even when one master fails or the controller card is removed for maintenance. The two masters (for example, primary and back-up) are located on separate I2C-buses that connect to the same downstream I2C-bus slave devices. I2C-bus commands are sent by either I2C-bus master and are used to select one master at a time. Either master at any time can gain control of the slave devices if the other master is disabled or removed from the system. The failed master is isolated from the system and will not affect communication between the on-line master and the slave devices on the downstream I2C-bus.

Features
2-to-1 bidirectional master selector
I2C-bus interface logic; compatible with SMBus standards
PCA9541A/01 powers up with Channel 0 selected
PCA9541A/03 powers up with no channel selected and either master can take control of the bus
Active LOW interrupt input
2 active LOW interrupt outputs
Active LOW reset input
4 address pins allowing up to 16 devices on the I2C-bus
Channel selection via I2C-bus
Bus initialization/recovery function
Bus traffic sensor
Low Ronswitches
Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
No glitch on power-up
Supports hot insertion
Software identical for both masters
Low standby current
Operating power supply voltage range of 2.3 V to 5.5 V 6.0 V tolerant inputs
0 Hz to 400 kHz clock frequency
ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Packages offered: SO16, TSSOP16, HVQFN16

Applications
High reliability systems with dual masters
Gatekeeper multiplexer on long single bus
Bus initialization/recovery for slave devices without hardware reset
Allows masters without arbitration logic to share resources




Similar Part No. - PCA9541A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9541A NXP-PCA9541A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9541A NXP-PCA9541A Datasheet
383Kb / 45P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 5 ??24 April 2014
PCA9541ABS/01 NXP-PCA9541ABS/01 Datasheet
383Kb / 45P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 5 ??24 April 2014
PCA9541ABS/03 NXP-PCA9541ABS/03 Datasheet
383Kb / 45P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 5 ??24 April 2014
PCA9541AD/01 NXP-PCA9541AD/01 Datasheet
383Kb / 45P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 5 ??24 April 2014
More results


Similar Description - PCA9541A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9541 PHILIPS-PCA9541 Datasheet
279Kb / 30P
2-to-1 I2C master selector with interrupt logic and reset
2004 Oct 01
PCA9541 NXP-PCA9541 Datasheet
216Kb / 43P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 05-1 October 2007
logo
Texas Instruments
PCA9543A TI-PCA9543A Datasheet
499Kb / 20P
TWO-CHANNEL I2C-BUS SWITCH WITH INTERRUPT LOGIC AND RESET
logo
NXP Semiconductors
PCA9541 NXP-PCA9541_08 Datasheet
215Kb / 43P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 06-11 September 2008
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
PCA9541 NXP-PCA9541_09 Datasheet
225Kb / 41P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 07-2 July 2009
PCA9543A NXP-PCA9543A_09 Datasheet
139Kb / 23P
2-channel I2C-bus switch with interrupt logic and reset
Rev. 06-15 June 2009
PCA9541A NXP-PCA9541A_V01 Datasheet
383Kb / 45P
2-to-1 I2C-bus master selector with interrupt logic and reset
Rev. 5 ??24 April 2014
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com