Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9549 Datasheet (PDF) - NXP Semiconductors

PCA9549 Datasheet PDF - NXP Semiconductors
Part # PCA9549
Download  PCA9549 Download
File Size   147.82 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Octal bus switch with individually I2C-bus controlled enables

PCA9549 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9549 Datasheet PDF - NXP Semiconductors

Part # PCA9549
Download  PCA9549 Click to download

File Size   147.82 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Octal bus switch with individually I2C-bus controlled enables

PCA9549 Datasheet (HTML) - NXP Semiconductors


PCA9549 Product details

General description

The PCA9549 provides eight bits of high speed TTL-compatible bus switching controlled by the I2C-bus. The low ON-state resistance of the switch allows connections to be made with minimal propagation delay. Any individual A to B channel or combination of channels can be selected via the I2C-bus, determined by the contents of the programmable Control register. When the I2C-bus bit is HIGH (logic 1), the switch is on and data can flow from Port A to Port B, or vice versa. When the I2C-bus bit is LOW (logic 0), the switch is open, creating a high-impedance state between the two ports, which stops the data flow.



Features

■ 8-bit bus switch (CBT)

■ 5 Ω switch connection between two ports

■ I2C-bus interface logic; compatible with SMBus standards

■ Active LOW RESET input

■ 3 address pins allowing up to 8 devices on the I2C-bus

■ Bit selection via I2C-bus, in any combination

■ Power-up with all bits deselected

■ Low Ron switches

■ No glitch on power-up

■ Supports hot insertion

■ Low standby current

■ Operating power supply voltage range of 2.3 V to 5.5 V

■ 5 V tolerant inputs

■ 0 Hz to 400 kHz clock frequency

■ ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101

■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA

■ Packages offered: SO24, TSSOP24, HVQFN24



 




Similar Part No. - PCA9549

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9549 PHILIPS-PCA9549 Datasheet
136Kb / 24P
Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
PCA9549BS PHILIPS-PCA9549BS Datasheet
136Kb / 24P
Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
PCA9549D PHILIPS-PCA9549D Datasheet
136Kb / 24P
Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
PCA9549PW PHILIPS-PCA9549PW Datasheet
136Kb / 24P
Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
More results


Similar Description - PCA9549

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
Octal bus switch with Quad Output Enables
1998 Dec 08
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
I2C-bus controlled YUV/RGB switch
1995 Mar 07
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
2-Bit Bus Switch with Individual Enables
logo
NXP Semiconductors
CBT3244A PHILIPS-CBT3244A Datasheet
120Kb / 10P
Octal bus switch with quad output enables
2004 May 26
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
Octal Bus Switch
logo
NXP Semiconductors
PCA9549 PHILIPS-PCA9549 Datasheet
136Kb / 24P
Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
CBT3244A PHILIPS-CBT3244A_15 Datasheet
117Kb / 18P
Octal bus switch with quad output enables
Rev. 02-15 September 2005
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com