Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3244A Datasheet (PDF) - NXP Semiconductors

CBT3244A Datasheet PDF - NXP Semiconductors
Part # CBT3244A
Download  CBT3244A Download
File Size   120.55 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal bus switch with quad output enables

CBT3244A Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3244A Datasheet PDF - NXP Semiconductors

Part # CBT3244A
Download  CBT3244A Click to download

File Size   120.55 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal bus switch with quad output enables

CBT3244A Datasheet (HTML) - NXP Semiconductors


CBT3244A Product details

General description
The CBT3244A provides eight bits of high-speed TTL-compatible bus switching in a standard 244 device pinout. The low ON-state resistance of the switch allows connections to be made with minimal propagation delay.

Features
■ Standard 244-type pinout
■ 5Ωswitch connection between two ports
■ TTL compatible control input levels
■ Package options include:
   ◆ plastic small outline (SO20)
   ◆ shrink small outline (SSOP20)
   ◆ shrink small outline, QSOP (SSOP20)
   ◆ thin shrink small outline (TSSOP20)
   ◆ depopulated heatsink very thin quad flat package, no leads (DHVQFN20)
■ Latch-up protection exceeds 500 mA per JESD78
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM 
   per JESD22-A115 and 1000 V CDM per JESD22-C101




Similar Part No. - CBT3244A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
CBT3244ABQ NEXPERIA-CBT3244ABQ Datasheet
223Kb / 16P
Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
CBT3244AD NEXPERIA-CBT3244AD Datasheet
223Kb / 16P
Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
CBT3244ADB NEXPERIA-CBT3244ADB Datasheet
223Kb / 16P
Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
CBT3244APW NEXPERIA-CBT3244APW Datasheet
223Kb / 16P
Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
More results


Similar Description - CBT3244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
Octal bus switch with Quad Output Enables
1998 Dec 08
CBT3245 PHILIPS-CBT3245 Datasheet
81Kb / 10P
Octal bus switch with output enable
1998 Dec 08
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
Quad Bus Switch with Individual Active Low Enables
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
3.3V Quad Bus Switch with Individual Active Low Enables
logo
NXP Semiconductors
PCA9549 PHILIPS-PCA9549 Datasheet
136Kb / 24P
Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
PCA9549 NXP-PCA9549 Datasheet
147Kb / 25P
Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
CBT3244A PHILIPS-CBT3244A_15 Datasheet
117Kb / 18P
Octal bus switch with quad output enables
Rev. 02-15 September 2005
logo
Nexperia B.V. All right...
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
10-bit bus switch with 5-bit output enables
CBT16210 NEXPERIA-CBT16210 Datasheet
197Kb / 9P
20-bit bus switch with 10-bit output enables
2000 Oct 12
CBT3244A NEXPERIA-CBT3244A Datasheet
223Kb / 16P
Octal bus switch with quad output enables
Rev. 3 - 8 September 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com