Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT3244APW Datasheet (PDF) - Nexperia B.V. All rights reserved

CBT3244APW Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBT3244APW
Download  CBT3244APW Download
File Size   223.62 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal bus switch with quad output enables

CBT3244APW Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3244APW Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBT3244APW
Download  CBT3244APW Click to download

File Size   223.62 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal bus switch with quad output enables

CBT3244APW Datasheet (HTML) - Nexperia B.V. All rights reserved


CBT3244APW Product details

1 General description
The CBT3244A provides eight bits of high-speed TTL-compatible bus switching in
a standard '244 device pinout. The low ON-state resistance of the switch allows
connections to be made with minimal propagation delay.
The CBT3244A device is organized as two 4-bit low-impedance switches with separate
output-enable (OE) inputs. When OE is LOW, the switch is on and data can flow from
port A to port B, or vice versa. When OE is HIGH, the switch is open and high-impedance
state exists between the two ports.
The CBT3244A is characterized for operation from -40 °C to +85 °C.
2 Features and benefits
• Standard '244-type pinout
• 5 Ω switch connection between two ports
• TTL compatible control input levels
• Latch-up protection exceeds 500 mA per JESD78
• ESD protection:
– HBM JESD22-A114 exceeds 2000 V
– MM JESD22-A115 exceeds 200 V
– CDM JESD22-C101 exceeds 1000 V




Similar Part No. - CBT3244APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3244APW PHILIPS-CBT3244APW Datasheet
120Kb / 10P
Octal bus switch with quad output enables
2004 May 26
More results


Similar Description - CBT3244APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3244 PHILIPS-CBT3244 Datasheet
83Kb / 10P
Octal bus switch with Quad Output Enables
1998 Dec 08
CBT3245 PHILIPS-CBT3245 Datasheet
81Kb / 10P
Octal bus switch with output enable
1998 Dec 08
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
Quad Bus Switch with Individual Active Low Enables
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
3.3V Quad Bus Switch with Individual Active Low Enables
logo
NXP Semiconductors
CBT3244A PHILIPS-CBT3244A Datasheet
120Kb / 10P
Octal bus switch with quad output enables
2004 May 26
PCA9549 PHILIPS-PCA9549 Datasheet
136Kb / 24P
Octal bus switch with individually I2C-bus controlled enables
Rev. 01-11 July 2006
PCA9549 NXP-PCA9549 Datasheet
147Kb / 25P
Octal bus switch with individually I2C-bus controlled enables
Rev. 02-13 July 2009
CBT3244A PHILIPS-CBT3244A_15 Datasheet
117Kb / 18P
Octal bus switch with quad output enables
Rev. 02-15 September 2005
logo
Nexperia B.V. All right...
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
10-bit bus switch with 5-bit output enables
CBT16210 NEXPERIA-CBT16210 Datasheet
197Kb / 9P
20-bit bus switch with 10-bit output enables
2000 Oct 12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com