Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9557 Datasheet (PDF) - NXP Semiconductors

PCA9557 Datasheet PDF - NXP Semiconductors
Part # PCA9557
Download  PCA9557 Download
File Size   162.01 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit I2C-bus and SMBus I/O port with reset

PCA9557 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9557 Datasheet PDF - NXP Semiconductors

Part # PCA9557
Download  PCA9557 Click to download

File Size   162.01 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit I2C-bus and SMBus I/O port with reset

PCA9557 Datasheet (HTML) - NXP Semiconductors


PCA9557 Product details

General description
The PCA9557 is a silicon CMOS circuit which provides parallel input/output expansion for SMBus and I2C-bus applications. The PCA9557 consists of an 8-bit input port register, 8-bit output port register, and an I2C-bus/SMBus interface. It has low current consumption and a high-impedance open-drain output pin, IO0.
The system master can enable the PCA9557’s I/O as either input or output by writing to the configuration register. The system master can also invert the PCA9557 inputs by writing to the active HIGH polarity inversion register. Finally, the system master can reset the PCA9557 in the event of a time-out by asserting a LOW in the reset input.
The power-on reset puts the registers in their default state and initializes the I2C-bus/SMBus state machine. The RESET pin causes the same reset/initialization to occur without de-powering the part.

Features
■ Lower voltage, higher performance migration path for the PCA9556
■ 8 general purpose input/output expander/collector
■ Input/output configuration register
■ Active HIGH polarity inversion register
■ I2C-bus and SMBus interface logic
■ Internal power-on reset
■ Noise filter on SCL/SDA inputs
■ Active LOW reset input
■ 3 address pins allowing up to 8 devices on the I2C-bus/SMBus
■ High-impedance open-drain on IO0
■ No glitch on power-up
■ Power-up with all channels configured as inputs
■ Low standby current
■ Operating power supply voltage range of 2.3 V to 5.5 V
■ 5 V tolerant inputs/outputs
■ 0 kHz to 400 kHz clock frequency
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 150 V MM per
  JESD22-A115 and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
■ Three packages offered: SO16, TSSOP16, HVQFN16




Similar Part No. - PCA9557

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9557 PHILIPS-PCA9557 Datasheet
127Kb / 16P
8-bit I2C and SMBus I/0 port with reset
2001 Dec 12
logo
Texas Instruments
PCA9557 TI-PCA9557 Datasheet
1,015Kb / 34P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557 TI-PCA9557 Datasheet
1Mb / 36P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9557 NXP-PCA9557 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9557D PHILIPS-PCA9557D Datasheet
127Kb / 16P
8-bit I2C and SMBus I/0 port with reset
2001 Dec 12
More results


Similar Description - PCA9557

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9557 PHILIPS-PCA9557 Datasheet
127Kb / 16P
8-bit I2C and SMBus I/0 port with reset
2001 Dec 12
PCA9538 PHILIPS-PCA9538 Datasheet
197Kb / 18P
8-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Oct 05
PCA9536 NXP-PCA9536 Datasheet
208Kb / 22P
4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
CAT9554 ONSEMI-CAT9554_11 Datasheet
157Kb / 14P
8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com