Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9557D Datasheet (PDF) - NXP Semiconductors

PCA9557D Datasheet PDF - NXP Semiconductors
Part # PCA9557D
Download  PCA9557D Download
File Size   127.39 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit I2C and SMBus I/0 port with reset

PCA9557D Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9557D Datasheet PDF - NXP Semiconductors

Part # PCA9557D
Download  PCA9557D Click to download

File Size   127.39 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit I2C and SMBus I/0 port with reset

PCA9557D Datasheet (HTML) - NXP Semiconductors


PCA9557D Product details

DESCRIPTION
The PCA9557 is a silicon CMOS circuit which provides parallel input/output expansion for SMBus and I2C applications. The PCA9557 consists of an 8-bit input port register, 8-bit output port register, and an I2C/SMBus interface. It has low current consumption and a high impedance open drain output pin, I/O0. The system master can enable the PCA9557’s I/O as either input or output by writing to the configuration register.

FEATURES
• Lower voltage, higher performance migration path for the PCA9556
• 8 general purpose input/output expander/collector
• Input/output configuration register
• Active HIGH polarity inversion register
• I2C and SMBus interface logic
• Internal power-on reset
• Noise filter on SCL/SDA inputs
• Active LOW reset input
• 3 address pins allowing up to 8 devices on the I2C/SMBus
• High impedance open drain on I/O0
• No glitch on power-up
• Power-up with all channels configured as inputs
• Low standby current
• Operating power supply voltage range of 2.3 V to 5.5 V
• 5 V tolerant inputs/outputs
• 0 to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which exceeds 100 mA
• Package offer: SO 16, TSSOP 16




Similar Part No. - PCA9557D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9557D TI-PCA9557D Datasheet
1,015Kb / 34P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557D TI-PCA9557D Datasheet
1Mb / 36P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA9557D NXP-PCA9557D Datasheet
162Kb / 26P
8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
logo
Texas Instruments
PCA9557DB TI-PCA9557DB Datasheet
1,015Kb / 34P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557DB TI-PCA9557DB Datasheet
1Mb / 36P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
More results


Similar Description - PCA9557D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9538 PHILIPS-PCA9538 Datasheet
197Kb / 18P
8-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Oct 05
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9557 NXP-PCA9557 Datasheet
162Kb / 26P
8-bit I2C-bus and SMBus I/O port with reset
Rev. 06-11 June 2008
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
CAT9554 ONSEMI-CAT9554_11 Datasheet
157Kb / 14P
8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com