Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9554 Datasheet (PDF) - NXP Semiconductors

PCA9554 Datasheet PDF - NXP Semiconductors
Part # PCA9554
Download  PCA9554 Download
File Size   183.77 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit I2C and SMBus I/O port with interrupt

PCA9554 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9554 Datasheet PDF - NXP Semiconductors

Part # PCA9554
Download  PCA9554 Click to download

File Size   183.77 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit I2C and SMBus I/O port with interrupt

PCA9554 Datasheet (HTML) - NXP Semiconductors


PCA9554 Product details

DESCRIPTION

The PCA9554 and PCA9554A are 16-pin CMOS devices that provide 8 bits of General Purpose parallel Input/Output (GPIO) expansion for I2C/SMBus applications and were developed to enhance the Philips family of I C I/O expanders. The improvements include higher drive capability, 5V I/O tolerance, lower supply current, individual I/O configuration, 400 kHz clock frequency, and smaller packaging. I/O expanders provide a simple solution when additional I/O is needed for ACPI power switches, sensors, pushbuttons, LEDs, fans, etc.



FEATURES

•Operating power supply voltage range of 2.3 to 5.5 V

•5 V tolerant I/Os

•Polarity inversion register

•Active-LOW interrupt output

•Low stand-by current

•Noise filter on SCL/SDA inputs

•No glitch on power-up

•Internal power-on reset

•8 I/O pins which default to 8 inputs

•0 to 400 kHz clock frequency

•ESD protection exceeds 2000 V HBM per JESD22-A114,

200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101

•Latch-up testing is done to JESDEC Standard JESD78 which exceeds 100 mA

•Six packages offered: DIP16, SO16, SSOP16, SSOP20, TSSOP16, and HVQFN16




Similar Part No. - PCA9554

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9554 NXP-PCA9554 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9554 TI1-PCA9554 Datasheet
768Kb / 34P
SMBus I/O Expander With Interrupt Output
logo
ON Semiconductor
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
logo
Texas Instruments
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Similar Description - PCA9554

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9534 PHILIPS-PCA9534 Datasheet
146Kb / 17P
8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
8-bit I2C and SMBus I/O Port with Interrupt
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
16-bit I2C and SMBus I/O Port with Interrupt
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com