Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9554 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9554
Description  8-bit I2C and SMBus I/O port with interrupt
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9554 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9554 Datasheet HTML 1Page - NXP Semiconductors PCA9554 Datasheet HTML 2Page - NXP Semiconductors PCA9554 Datasheet HTML 3Page - NXP Semiconductors PCA9554 Datasheet HTML 4Page - NXP Semiconductors PCA9554 Datasheet HTML 5Page - NXP Semiconductors PCA9554 Datasheet HTML 6Page - NXP Semiconductors PCA9554 Datasheet HTML 7Page - NXP Semiconductors PCA9554 Datasheet HTML 8Page - NXP Semiconductors PCA9554 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Philips Semiconductors
Product data sheet
PCA9554/PCA9554A
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
3
PIN CONFIGURATION — 16-pin DIP, SO, SSOP,
TSSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
su01410
A0
A1
A2
I/O0
I/O1
I/O2
I/O3
VSS
VDD
SDA
SCL
INT
I/O7
I/O6
I/O5
I/O4
Figure 1. Pin configuration — 16-pin DIP, SO, SSOP, TSSOP
PIN CONFIGURATION — 20-pin SSOP
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
INT
SCL
n.c.
SDA
VDD
A0
A1
n.c.
A2
I/O0
I/O7
I/O6
n.c.
I/O5
I/O4
VSS
I/O3
I/O2
n.c.
I/O1
10
SW02269
Figure 1. Pin configuration — 20-pin SSOP
PIN CONFIGURATION — HVQFN
12
11
10
9
1
2
3
4
su01670
TOP VIEW
A2
I/O0
I/O1
I/O2
I/O3
I/O4
VSS
I/O5
INT
I/O6
I/O7
SDA
VDD
A0
A1
SCL
Figure 2. Pin Configuration — HVQFN
PIN DESCRIPTION
DIP16, SO16, SSOP16,
TSSOP16
PIN NUMBER
HVQFN16
PIN NUMBER
SSOP20
PIN NUMBER
SYMBOL
FUNCTION
1
15
6
A0
Address input 0
2
16
7
A1
Address input 1
3
1
9
A2
Address input 2
4–7
2–5
10–12, 14
I/O0 to I/O3
I/O0 to I/O3
8
6
15
VSS
Supply ground
9
7–10
16, 17, 19, 20
I/O4 to I/O7
I/O4 to I/O7
13
11
1
INT
Interrupt output (open drain)
14
12
2
SCL
Serial clock line
15
13
4
SDA
Serial data line
16
14
5
VDD
Supply voltage
–
–
3, 8, 13, 18
n.c.
not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com