Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ARMZ Datasheet (PDF) - Analog Devices

ADA4051-2ARMZ Datasheet PDF - Analog Devices
Part # ADA4051-2ARMZ
Download  ADA4051-2ARMZ Download
File Size   620.07 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp

ADA4051-2ARMZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4051-2ARMZ Datasheet PDF - Analog Devices

Part # ADA4051-2ARMZ
Download  ADA4051-2ARMZ Click to download

File Size   620.07 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp

ADA4051-2ARMZ Datasheet (HTML) - Analog Devices


ADA4051-2ARMZ Product details

GENERAL DESCRIPTION
The ADA4051-1/ADA4051-2 are CMOS, micropower, zero drift operational amplifiers utilizing an innovative chopping technique. These amplifiers feature rail-to-rail input/output swing and extremely low offset voltage while operating from a 1.8 V to 5.5 V power supply. In addition, these amplifiers offer high power supply rejection ratio (PSRR) and common-mode rejection ratio (CMRR) while operating with a typical supply current of 13 μA per amplifier. This combination of features makes the ADA4051-1/ADA4051-2 amplifiers ideal choices for battery-powered applications where high precision and low power consumption are important.

FEATURES
    Very low supply current: 13 μA typical
    Low offset voltage: 15 μV maximum
    Offset voltage drift: 20 nV/°C
    Single-supply operation: 1.8 V to 5.5 V
    High PSRR: 110 dB minimum
    High CMRR: 110 dB minimum
    Rail-to-rail input/output
    Unity-gain stable
    Extended industrial temperature range

APPLICATIONS
    Pressure and position sensors
    Temperature measurements
    Electronic scales
    Medical instrumentation
    Battery-powered equipment
    Handheld test equipment




Similar Part No. - ADA4051-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4051-2ARMZ AD-ADA4051-2ARMZ Datasheet
611Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
ADA4051-2ARMZ AD-ADA4051-2ARMZ Datasheet
669Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
ADA4051-2ARMZ AD-ADA4051-2ARMZ Datasheet
654Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
ADA4051-2ARMZ-R7 AD-ADA4051-2ARMZ-R7 Datasheet
611Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
ADA4051-2ARMZ-R7 AD-ADA4051-2ARMZ-R7 Datasheet
669Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
More results


Similar Description - ADA4051-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 5, 2005
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
August 23, 2005
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 26, 2006
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
logo
Intersil Corporation
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
May 29, 2009
logo
Linear Technology
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-1 AD-ADA4051-1_16 Datasheet
669Kb / 22P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
Rev. C
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com