Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4051-2ARMZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4051-2ARMZ
Description  1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4051-2ARMZ Datasheet(HTML) 2 Page - Analog Devices

  ADA4051-2ARMZ Datasheet HTML 1Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 2Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 3Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 4Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 5Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4051-2ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADA4051-1/ADA4051-2
Rev. B | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Pin Configuration............................................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—1.8 V Operation ............................ 3
 
Electrical Characteristics—5 V Operation................................ 4
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Resistance .......................................................................5
 
Power Sequencing .........................................................................5
 
ESD Caution...................................................................................5
 
Typical Performance Characteristics ..............................................6
 
Theory of Operation ...................................................................... 15
 
Input Voltage Range................................................................... 16
 
Output Phase Reversal............................................................... 16
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 18
 
REVISION HISTORY
1/10—Rev. A to Rev. B
Added ADA4051-1, 5-Lead SC-70 Package....................Universal
Added Figure 2; Renumbered Sequentially .................................. 1
Changes to Figure 4 and General Description Section ............... 1
Changes to Electrical Characteristics—1.8 V Operation Section
and Table 2......................................................................................... 3
Changes to Electrical Characteristics—5 V Operation Section
and Table 3......................................................................................... 4
Changes to Table 5............................................................................ 5
Updated Outline Dimensions ....................................................... 17
Changes to Ordering Guide .......................................................... 18
10/09—Rev. 0 to Rev. A
Added ADA4051-1, 5-Lead SOT-23 Package.................Universal
Added ADA4051-2, 8-Lead LFCSP Package ..................Universal
Changes to the Features and General Description Section,
Added Figure 1 and Figure 3........................................................... 1
Moved Electrical Characteristics—1.8 V Operation Section .... 3
Changes to Offset Voltage Parameter and Supply Current per
Amplifier Parameter, Table 2 .......................................................... 3
Moved Electrical Characteristics—5 V Operation Section ........ 4
Changes to Offset Voltage Parameter and Supply Current per
Amplifier Parameter, Table 2 .......................................................... 4
Changes to Thermal Resistance Section and Table 5................... 5
Changes to Figure 22 and Figure 25............................................... 9
Changes to Theory of Operation Section.................................... 15
Updated Outline Dimensions ....................................................... 17
Changes to Ordering Guide .......................................................... 18
7/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com