Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMBTA42 Datasheet (PDF) - NXP Semiconductors

PMBTA42 Datasheet PDF - NXP Semiconductors
Part # PMBTA42
Download  PMBTA42 Download
File Size   218.03 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 300 V, 100 mA NPN high-voltage transistor

PMBTA42 Datasheet (PDF)

Go To PDF Page Download Datasheet
PMBTA42 Datasheet PDF - NXP Semiconductors

Part # PMBTA42
Download  PMBTA42 Click to download

File Size   218.03 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 300 V, 100 mA NPN high-voltage transistor

PMBTA42 Datasheet (HTML) - NXP Semiconductors


PMBTA42 Product details

General description
NPN high-voltage transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
PNP complement: PMBTA92.

Features
■ High voltage (max. 300 V)

Applications
■ Telephony and professional communication equipment




Similar Part No. - PMBTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBTA42 PHILIPS-PMBTA42 Datasheet
41Kb / 8P
NPN high-voltage transistor
1999 Apr 22
logo
Inchange Semiconductor ...
PMBTA42 ISC-PMBTA42 Datasheet
547Kb / 4P
isc Silicon NPN Power Transistor
logo
Nexperia B.V. All right...
PMBTA42 NEXPERIA-PMBTA42 Datasheet
319Kb / 10P
300 V, 100 mA NPN high-voltage transistor
Rev. 05 - 12 December 2008
PMBTA42/DG NEXPERIA-PMBTA42/DG Datasheet
319Kb / 10P
300 V, 100 mA NPN high-voltage transistor
Rev. 05 - 12 December 2008
logo
NXP Semiconductors
PMBTA42DS NXP-PMBTA42DS Datasheet
81Kb / 10P
NPN/NPN high-voltage double transistors
Rev. 02-27 August 2009
More results


Similar Description - PMBTA42

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
BC847QAS NXP-BC847QAS Datasheet
204Kb / 13P
45 V, 100 mA NPN/NPN general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
BC847DS NEXPERIA-BC847DS Datasheet
1Mb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01 - 25 August 2009
PMP4501Y NEXPERIA-PMP4501Y Datasheet
243Kb / 10P
45 V, 100 mA NPN/NPN matched double transistor
28 December 2022
BCM846BSH NEXPERIA-BCM846BSH Datasheet
237Kb / 10P
65 V, 100 mA NPN/NPN matched double transistor
6 May 2021
BCM847BSH NEXPERIA-BCM847BSH Datasheet
237Kb / 10P
45 V, 100 mA NPN/NPN matched double transistor
6 May 2021
PXTA42 NEXPERIA-PXTA42 Datasheet
795Kb / 9P
300 V, 100 mA NPN high-voltage transistor
Rev. 5 - 11 July 2011
PXTA92 NEXPERIA-PXTA92 Datasheet
676Kb / 9P
300 V, 100 mA PNP high-voltage transistor
Rev. 6 - 27 September 2011
PMBTA42 NEXPERIA-PMBTA42 Datasheet
319Kb / 10P
300 V, 100 mA NPN high-voltage transistor
Rev. 05 - 12 December 2008
PMP4501V NEXPERIA-PMP4501V Datasheet
228Kb / 9P
45 V, 100 mA NPN/NPN matched double transistor
28 December 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com