Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1127 Datasheet (PDF) - Analog Devices

ADAS1127 Datasheet PDF - Analog Devices
Part # ADAS1127
Download  ADAS1127 Download
File Size   55.12 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 64-Channel,24-Bit Current-to-Digital ADC

ADAS1127 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAS1127 Datasheet PDF - Analog Devices

Part # ADAS1127
Download  ADAS1127 Click to download

File Size   55.12 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 64-Channel,24-Bit Current-to-Digital ADC

ADAS1127 Datasheet (HTML) - Analog Devices


ADAS1127 Product details

GENERAL DESCRIPTION
The ADAS1127 is a 64-channel, current-to-digital, analog-to digital converter (ADC). It contains 64 low power, low noise, low input current integrators, simultaneous sample-and-holds, and a high speed, high resolution ADCs with configurable sampling rate and resolutions up to 24 bits.

FEATURES
   64-channel, low level current-to-digital converter
   Up to 24-bit resolution
   Up to 19.7 kSPS (50.7 μs integration time)
   Simultaneous sampling
   Ultralow noise (down to 0.4 fC [2500e−])
   User-adjustable full-scale range
   INL: ±0.025% of reading ±0.75 ppm of FSR
   Very low power dissipation: 6.25 mW/channel
   LVDS self-clocked serial data interface
   SPI configuration registers (daisy-chain)
   On-board temperature sensor and reference buffer
   10 mm × 10 mm, mini-BGA package
   Low cost external components
   Support tools
     Evaluation board
     Reference design with reference layout
     FPGA Verilog code

APPLICATIONS
   Medical, industrial, and security CT scanner data acquisition
   Photodiode sensors
   Dosimetry and radiation therapy systems
   Optical fiber power monitoring
   X-ray detection systems
   High channel-count data acquisition systems (current or voltage inputs)




Similar Part No. - ADAS1127

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS1127 AD-ADAS1127 Datasheet
62Kb / 2P
64-Channel, 24-Bit Current-to-Digital ADC
ADAS1127 AD-ADAS1127_17 Datasheet
62Kb / 2P
64-Channel, 24-Bit Current-to-Digital ADC
More results


Similar Description - ADAS1127

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
64-Channel, Current-Input Analog-to-Digital Converter
logo
Analog Devices
ADAS1128 AD-ADAS1128 Datasheet
75Kb / 2P
128-Channel, 24-Bit Current-to-Digital ADC
Rev. SpC
logo
Texas Instruments
ADS1257 TI1-ADS1257 Datasheet
793Kb / 16P
4-Channel, 24-Bit ADC
logo
Analog Devices
ADAS1126 AD-ADAS1126 Datasheet
68Kb / 2P
32-Channel, 24-Bit Current-to-Digital ADC
Rev. SpC
ADAS1131 AD-ADAS1131 Datasheet
63Kb / 2P
256-Channel, 24-Bit Current-to-Digital ADC Module
Rev. Sp0
ADAS1135 AD-ADAS1135 Datasheet
56Kb / 2P
256-Channel, 24-Bit, Current-to-Digital ADC Module
Rev. Sp0
ADAS1127 AD-ADAS1127_17 Datasheet
62Kb / 2P
64-Channel, 24-Bit Current-to-Digital ADC
ADAS1128 AD-ADAS1128_17 Datasheet
76Kb / 2P
128-Channel, 24-Bit Current-to-Digital ADC
ADAS1134 AD-ADAS1134 Datasheet
129Kb / 3P
128-Channel, 24-Bit Current-to-Digital ADC
27-Oct-2017
ADAS1135 AD-ADAS1135_17 Datasheet
64Kb / 2P
256-Channel, 24-Bit, Current-to-Digital ADC Module
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com