Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1128 Datasheet (PDF) - Analog Devices

ADAS1128 Datasheet PDF - Analog Devices
Part # ADAS1128
Download  ADAS1128 Download
File Size   75.27 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 128-Channel, 24-Bit Current-to-Digital ADC

ADAS1128 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAS1128 Datasheet PDF - Analog Devices

Part # ADAS1128
Download  ADAS1128 Click to download

File Size   75.27 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 128-Channel, 24-Bit Current-to-Digital ADC

ADAS1128 Datasheet (HTML) - Analog Devices


ADAS1128 Product details

GENERAL DESCRIPTION

The ADAS1128 is a 128-channel, current-to-digital, analog-to digital converter (ADC). It contains 128 low power , low noise, low input current integrators, simultaneous sample-and-holds, and two high speed, high resolution ADCs with configurable sampling rate and resolutions up to 24 bits.



FEA TURES

128-channel, low level current-to-digital converter

Up to 24-bit resolution

Up to 19.7 kSPS (50.7 µs integration time)

Simultaneous sampling

Ultralow noise (down to 0.4 fC [2500e



])

User-adjustable full-scale range

INL: ±0.025% of reading ±0.75 ppm of FSR

Very low power dissipation: 4.5 mW/channel

L VDS self-clocked serial data interface

SPI configuration registers (daisy-chain)

On-board temperature sensor and reference buffer

10 mm × 10 mm, mini-BGA package

Low cost external components

Support tools

  Evaluation board

  Reference design with reference layout

  FPGA  Verilog code



APPLICA TIONS

Medical, industrial, and security CT scanner data acquisition

Photodiode sensors

Dosimetry and radiation therapy systems

Optical fiber power monitoring

X-ray detection systems

High channel-count data acquisition systems (current or voltage inputs)




Similar Part No. - ADAS1128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS1128 AD-ADAS1128 Datasheet
76Kb / 2P
128-Channel, 24-Bit Current-to-Digital ADC
ADAS1128 AD-ADAS1128_17 Datasheet
76Kb / 2P
128-Channel, 24-Bit Current-to-Digital ADC
More results


Similar Description - ADAS1128

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS1127 AD-ADAS1127 Datasheet
55Kb / 2P
64-Channel,24-Bit Current-to-Digital ADC
Rev. Sp0
logo
Texas Instruments
ADS1257 TI1-ADS1257 Datasheet
793Kb / 16P
4-Channel, 24-Bit ADC
logo
Analog Devices
ADAS1126 AD-ADAS1126 Datasheet
68Kb / 2P
32-Channel, 24-Bit Current-to-Digital ADC
Rev. SpC
ADAS1131 AD-ADAS1131 Datasheet
63Kb / 2P
256-Channel, 24-Bit Current-to-Digital ADC Module
Rev. Sp0
ADAS1135 AD-ADAS1135 Datasheet
56Kb / 2P
256-Channel, 24-Bit, Current-to-Digital ADC Module
Rev. Sp0
logo
Texas Instruments
DDC1128 TI1-DDC1128 Datasheet
657Kb / 9P
128-Channel, Current-Input Analog-to-Digital Converter
logo
Analog Devices
ADAS1127 AD-ADAS1127_17 Datasheet
62Kb / 2P
64-Channel, 24-Bit Current-to-Digital ADC
ADAS1128 AD-ADAS1128_17 Datasheet
76Kb / 2P
128-Channel, 24-Bit Current-to-Digital ADC
ADAS1134 AD-ADAS1134 Datasheet
129Kb / 3P
128-Channel, 24-Bit Current-to-Digital ADC
27-Oct-2017
ADAS1135 AD-ADAS1135_17 Datasheet
64Kb / 2P
256-Channel, 24-Bit, Current-to-Digital ADC Module
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com