Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021-V Datasheet (PDF) - Analog Devices

ADF7021-V Datasheet PDF - Analog Devices
Part # ADF7021-V
Download  ADF7021-V Download
File Size   1578.96 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description HIgh Performance Narrow-Band Transceiver IC

ADF7021-V Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF7021-V Datasheet PDF - Analog Devices

Part # ADF7021-V
Download  ADF7021-V Click to download

File Size   1578.96 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description HIgh Performance Narrow-Band Transceiver IC

ADF7021-V Datasheet (HTML) - Analog Devices


ADF7021-V Product details

GENERAL DESCRIPTION
The ADF7021-V is a high performance, low power, narrow-band RF transceiver based on the ADF7021-N. The architecture of the ADF7021-V transceiver is similar to that of the ADF7021-N except that an external VCO is used by the on-chip RF synthesizer for applications that require improved phase noise performance.
The ADF7021-V is designed to operate in both the license-free ISM bands and in the licensed bands from 80 MHz to 960 MHz.
To minimize RF feedthrough and spurious emissions, the external VCO operates at 2× or 4× the desired RF frequency; the ADF7021-V supports a maximum VCO frequency operation of 1920 MHz. The 4× VCO operation is programmable by enabling an additional on-chip divide-by-2 outside the RF synthesizer loop and offers improved phase noise performance.
As with the ADF7021-N receiver, the IF filter bandwidths of 9 kHz, 13.5 kHz, and 18.5 kHz are supported, making the ADF7021-V ideally suited to worldwide narrow-band telemetry applications.

The part has both Gaussian and raised cosine transmit data filtering options to improve spectral efficiency for narrow-band applications. It is suitable for circuit applications targeted at the following:
• European ETSI EN 300 220
• North American FCC Part 15, Part 90, and Part 95
• Japanese ARIB STD-T67
• Korean short-range device regulations
• Chinese short-range device regulations

A complete transceiver can be built using a small number of discrete external components, making the ADF7021-V very suitable for area-sensitive, high performance driven applications

FEATURES
  High performance, low power, narrow-band transceiver
  Enhanced performance ADF7021-N with external VCO
  Frequency bands using external VCO: 80 MHz to 960 MHz
  Improved adjacent channel power (ACP) and adjacent channel rejection (ACR) compared with the ADF7021-N
  Programmable IF filter bandwidths: 9 kHz, 13.5 kHz, and 18.5 kHz
  Modulation schemes: 2FSK, 3FSK, 4FSK, MSK
  Spectral shaping: Gaussian and raised cosine filtering
  Data rates: 0.05 kbps to 24 kbps
  Power supply: 2.3 V to 3.6 V
  Programmable output power: −16 dBm to +13 dBm in 63 steps
  Automatic power amplifier (PA) ramp control
  Receiver sensitivity
     −125 dBm at 250 bps, 2FSK
     −122 dBm at 1 kbps, 2FSK
  Patent pending, on-chip image rejection calibration
  On-chip fractional-N PLL
  On-chip, 7-bit ADC and temperature sensor
  Fully automatic frequency control (AFC) loop
  Digital received signal strength indication (RSSI)
  Integrated Tx/Rx switch
  Leakage current in power-down mode: 0.1 μA
 
APPLICATIONS
  Narrow-band, short-range device (SRD) standards
     ETSI EN 300 220
        500 mW output power capability in 869 MHz g3 subband with external PA
        High performance receiver rejection, blocking, and adjacent channel power (ACP)
     FCC Part 90 (meets Emission Mask D requirements)
     FCC Part 95
     ARIB STD-T67
  Wireless metering
  Narrow-band wireless telemetry




Similar Part No. - ADF7021-V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ-RL1 AD-ADF7021-NBCPZ-RL1 Datasheet
2Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ-RL71 AD-ADF7021-NBCPZ-RL71 Datasheet
2Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NBCPZ1 AD-ADF7021-NBCPZ1 Datasheet
2Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-NDF AD-ADF7021-NDF Datasheet
2Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. 0
More results


Similar Description - ADF7021-V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
High Performance ISM Band FSK/ASK Transceiver IC
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
High Performance ISM Band Transceiver IC
2/06-Rev. 0 to Rev. A
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
Narrow Band Radio Transceiver
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
UHF Narrow Band Transceiver
logo
Analog Devices
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. B
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
High Performance Narrow-Band Transceiver IC
REV. B
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
High Performance Narrow-Band Transceiver IC
REV. C
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
High Performance ISM Band Transceiver IC
REV. B
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com