Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5505 Datasheet (PDF) - Analog Devices

ADL5505 Datasheet PDF - Analog Devices
Part # ADL5505
Download  ADL5505 Download
File Size   1471.29 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 450 MHz to 6000Mhz TruPwr Detector

ADL5505 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5505 Datasheet PDF - Analog Devices

Part # ADL5505
Download  ADL5505 Click to download

File Size   1471.29 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 450 MHz to 6000Mhz TruPwr Detector

ADL5505 Datasheet (HTML) - Analog Devices


ADL5505 Product details

GENERAL DESCRIPTION
The ADL5505 is a TruPwr™ mean-responding (true rms) power detector for use in high frequency receiver and transmitter signal chains from 450 MHz to 6000 MHz. Requiring only a single supply between 2.5 V and 3.3 V, the detector draws less than 1.8 mA. The input is internally ac-coupled and has a nominal input impedance of 500 Ω. The rms output is a linear-responding dc voltage with a conversion gain of 1.86 V/V rms at 900 MHz.

FEATURES
    True rms response detector
    Excellent temperature stability
    ±0.25 dB rms detection accuracy vs. temperature
    Over 35 dB input power dynamic range, inclusive of crest factor
    RF bandwidths from 450 MHz to 6000 MHz
    500 Ω input impedance
    Single-supply operation: 2.5 V to 3.3 V
    Low power: 1.8 mA at 3.0 V supply
    RoHS-compliant part

APPLICATIONS
    Power measurement of W-CDMA, CDMA2000, QPSK-/QAM-based OFDM (LTE and WiMAX), and other complex modulation waveforms
    RF transmitter or receiver power measurement




Similar Part No. - ADL5505

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5505 AD-ADL5505 Datasheet
1Mb / 20P
450 MHz to 6000 MHz TruPwr Detector
Rev. A
ADL5505-EVALZ AD-ADL5505-EVALZ Datasheet
1Mb / 20P
450 MHz to 6000 MHz TruPwr Detector
Rev. A
ADL5505ACBZ-P2 AD-ADL5505ACBZ-P2 Datasheet
1Mb / 20P
450 MHz to 6000 MHz TruPwr Detector
Rev. A
ADL5505ACBZ-P7 AD-ADL5505ACBZ-P7 Datasheet
1Mb / 20P
450 MHz to 6000 MHz TruPwr Detector
Rev. A
ADL5505 AD-ADL5505_V01 Datasheet
1Mb / 20P
450 MHz to 6000 MHz TruPwr Detector
Rev. A
More results


Similar Description - ADL5505

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
2/06-Rev 0 to Rev. A
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
50 MHz to 4 GHz TruPwr Detector
9/06-Revision 0
ADL5504 AD-ADL5504 Datasheet
1Mb / 24P
450 MHz to 6000 MHz TruPwr Detector
REV. 0
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
LF to 2.5 GHz TruPwr??Detector
REV. C
ADL5502 AD-ADL5502_1 Datasheet
1Mb / 28P
450 MHz to 6000 MHz Crest Factor Detector
REV. A
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5903 AD-ADL5903 Datasheet
1Mb / 20P
200 MHz to 6 GHz 35 dB TruPwr??Detector
REV. B
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com