Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN2R7-30PL Datasheet (PDF) - NXP Semiconductors

PSMN2R7-30PL Datasheet PDF - NXP Semiconductors
Part # PSMN2R7-30PL
Download  PSMN2R7-30PL Download
File Size   226.18 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 30 V 2.7 m廓 logic level MOSFET

PSMN2R7-30PL Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN2R7-30PL Datasheet PDF - NXP Semiconductors

Part # PSMN2R7-30PL
Download  PSMN2R7-30PL Click to download

File Size   226.18 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 30 V 2.7 m廓 logic level MOSFET

PSMN2R7-30PL Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PSMN2R7-30PL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN2R7-30PL ISC-PSMN2R7-30PL Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN2R7-30PL NEXPERIA-PSMN2R7-30PL Datasheet
818Kb / 15P
N-channel 30 V 2.7 mΩ logic level MOSFET in TO-220
Rev. 02 - 2 November 2010
More results


Similar Description - PSMN2R7-30PL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R6-30PL NXP-PSMN1R6-30PL Datasheet
233Kb / 13P
N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN2R0-30PL NXP-PSMN2R0-30PL Datasheet
220Kb / 13P
N-channel 30 V 2.1 m廓 logic level MOSFET
Rev. 01-24 June 2009
PSMN4R3-30PL NXP-PSMN4R3-30PL Datasheet
223Kb / 13P
N-channel 30 V 4.3 m廓 logic level MOSFET
Rev. 01-16 June 2009
PSMN3R5-30LL NXP-PSMN3R5-30LL Datasheet
179Kb / 13P
N-channel 30 V 3.6 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN9R0-30LL NXP-PSMN9R0-30LL Datasheet
176Kb / 13P
N-channel QFN3333 30 V 9 m廓 logic level MOSFET
Rev. 01-12 February 2010
PSMN013-30LL NXP-PSMN013-30LL Datasheet
176Kb / 13P
N-channel 30 V 13 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN1R6-30PL127 NXP-PSMN1R6-30PL127 Datasheet
233Kb / 13P
N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN4R3-30BL NXP-PSMN4R3-30BL Datasheet
212Kb / 15P
N-channel 30 V 4.1 m廓 logic level MOSFET in D2PAK
Rev. 1-22 March 2012
logo
Nexperia B.V. All right...
BUK9K5R1-30E NEXPERIA-BUK9K5R1-30E Datasheet
730Kb / 13P
Dual N-channel 30 V, 5.3 m廓 logic level MOSFET
BUK9K5R6-30E NEXPERIA-BUK9K5R6-30E Datasheet
721Kb / 13P
Dual N-channel 30 V, 5.8 m廓 logic level MOSFET
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com