Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN3R5-30LL Datasheet (PDF) - NXP Semiconductors

PSMN3R5-30LL Datasheet PDF - NXP Semiconductors
Part # PSMN3R5-30LL
Download  PSMN3R5-30LL Download
File Size   179.84 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 30 V 3.6 m廓 logic level MOSFET

PSMN3R5-30LL Datasheet (PDF)

Go To PDF Page Download Datasheet
PSMN3R5-30LL Datasheet PDF - NXP Semiconductors

Part # PSMN3R5-30LL
Download  PSMN3R5-30LL Click to download

File Size   179.84 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel 30 V 3.6 m廓 logic level MOSFET

PSMN3R5-30LL Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PSMN3R5-30LL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R5-30LL PHILIPS-PSMN3R5-30LL Datasheet
345Kb / 15P
N-channel DFN3333-8 30 V 3.6 m廓 logic level MOSFET
Rev. 4-12 December 2011
logo
Nexperia B.V. All right...
PSMN3R5-30LL NEXPERIA-PSMN3R5-30LL Datasheet
485Kb / 16P
N-channel DFN3333-8 30 V 3.6 mΩ logic level MOSFET
Rev. 4 - 12 December 2011
logo
NXP Semiconductors
PSMN3R5-30LL PHILIPS-PSMN3R5-30LL_11 Datasheet
345Kb / 15P
N-channel DFN3333-8 30 V 3.6 m廓 logic level MOSFET
Rev. 4-12 December 2011
More results


Similar Description - PSMN3R5-30LL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN1R6-30PL NXP-PSMN1R6-30PL Datasheet
233Kb / 13P
N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
PSMN2R0-30PL NXP-PSMN2R0-30PL Datasheet
220Kb / 13P
N-channel 30 V 2.1 m廓 logic level MOSFET
Rev. 01-24 June 2009
PSMN4R3-30PL NXP-PSMN4R3-30PL Datasheet
223Kb / 13P
N-channel 30 V 4.3 m廓 logic level MOSFET
Rev. 01-16 June 2009
PSMN2R7-30PL NXP-PSMN2R7-30PL Datasheet
226Kb / 14P
N-channel 30 V 2.7 m廓 logic level MOSFET
Rev. 01-26 February 2010
PSMN9R0-30LL NXP-PSMN9R0-30LL Datasheet
176Kb / 13P
N-channel QFN3333 30 V 9 m廓 logic level MOSFET
Rev. 01-12 February 2010
PSMN013-30LL NXP-PSMN013-30LL Datasheet
176Kb / 13P
N-channel 30 V 13 m廓 logic level MOSFET
Rev. 01-18 February 2010
PSMN3R5-30LL PHILIPS-PSMN3R5-30LL_11 Datasheet
345Kb / 15P
N-channel DFN3333-8 30 V 3.6 m廓 logic level MOSFET
Rev. 4-12 December 2011
PSMN1R6-30PL127 NXP-PSMN1R6-30PL127 Datasheet
233Kb / 13P
N-channel 30 V 1.7 m廓 logic level MOSFET
Rev. 02-25 June 2009
logo
Nexperia B.V. All right...
BUK9K5R1-30E NEXPERIA-BUK9K5R1-30E Datasheet
730Kb / 13P
Dual N-channel 30 V, 5.3 m廓 logic level MOSFET
BUK9K5R6-30E NEXPERIA-BUK9K5R6-30E Datasheet
721Kb / 13P
Dual N-channel 30 V, 5.8 m廓 logic level MOSFET
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com