Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Si5315 Datasheet (PDF) - Silicon Laboratories

Si5315 Datasheet PDF - Silicon Laboratories
Part # Si5315
Download  Si5315 Download
File Size   341.39 Kbytes
Page   50 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Pin-Controlled 1_710 MHz Jitter Cleaning Clock

Si5315 Datasheet (PDF)

Go To PDF Page Download Datasheet
Si5315 Datasheet PDF - Silicon Laboratories

Part # Si5315
Download  Si5315 Click to download

File Size   341.39 Kbytes
Page   50 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Pin-Controlled 1_710 MHz Jitter Cleaning Clock

Si5315 Datasheet (HTML) - Silicon Laboratories


Si5315 Product details

Description
The Si5317 is a flexible 1:1 jitter cleaning clock for high-performance applications that require jitter attenuation without clock multiplication. The Si5317 accepts a single clock input ranging from 1 to 710 MHz and generates two low jitter clock outputs at the same frequency. The clock frequency range and loop bandwidth are selectable from a simple look-up table. The Si5317 is based on Silicon Laboratories 3rd-generation DSPLL® technology, which provides jitter attenuation on any frequency in a highly integrated PLL solution that eliminates the need for external VCXO and loop filter components. The DSPLL loop bandwidth is user selectable, providing jitter performance optimization at the application level.

Features
■ Provides jitter attenuation on any frequency
■ One clock input / two clock outputs
■ Input/output frequency range: 1–710 MHz
■ Ultra low jitter: 300 fs (12 kHz–20 MHz) typical
■ Simple pin control interface
■ Selectable loop bandwidth for jitter attenuation: 60 Hz–8.4 kHz
■ Selectable output clock signal format: LVPECL, LVDS, CML or CMOS
■ Single supply: 1.8, 2.5, or 3.3 V
■ VCO freeze during LOS/LOL
■ Loss of lock and loss of signal alarms
■ On-chip voltage regulator with high PSRR
■ Small size: 6 x 6 mm, 36-QFN
■ Wide temperature range: –40 to +85 ºC

Applications
■ Data converter clocking
■ Wireless infrastructure
■ Networking, SONET/SDH
■ Switches and routers
■ Medical instrumentation
■ Test and measurement




Similar Part No. - Si5315

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5315 SILABS-SI5315 Datasheet
416Kb / 54P
Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
logo
Skyworks Solutions Inc.
SI5315 SKYWORKS-SI5315 Datasheet
1Mb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5315 SKYWORKS-SI5315 Datasheet
1Mb / 54P
SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
logo
AUK corp
SI5315-C AUK-SI5315-C Datasheet
83Kb / 3P
IRED
SI5315-C AUK-SI5315-C Datasheet
183Kb / 4P
IRED
More results


Similar Description - Si5315

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9540 AD-AD9540 Datasheet
485Kb / 32P
655 MHz Low Jitter Clock Generator
7/04-Revision 0
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
logo
Texas Instruments
LMK1D1204P TI-LMK1D1204P Datasheet
1Mb / 33P
LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
SNAS830 ??SEPTEMBER 2021
LMK1D1208P TI-LMK1D1208P Datasheet
2Mb / 31P
LMK1D1208P Pin-Controlled OE Low Additive Jitter LVDS Buffer
OCTOBER 2021
logo
PHOENIX CONTACT
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
Cleaning pen - CLEANING STICK
09/12/2020
logo
Skyworks Solutions Inc.
SI5317 SKYWORKS-SI5317 Datasheet
1Mb / 46P
PIN-CONTROLLED 1–711 MHZ JITTER CLEANING CLOCK
Rev. 1.1
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com