Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540 Datasheet (PDF) - Analog Devices

AD9540 Datasheet PDF - Analog Devices
Part # AD9540
Download  AD9540 Download
File Size   485.42 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 655 MHz Low Jitter Clock Generator

AD9540 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9540 Datasheet PDF - Analog Devices

Part # AD9540
Download  AD9540 Click to download

File Size   485.42 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 655 MHz Low Jitter Clock Generator

AD9540 Datasheet (HTML) - Analog Devices


AD9540 Product details

PRODUCT OVERVIEW
The AD9540 is Analog Devices’ first dedicated clocking product specifically designed to support the extremely stringent clocking requirements of the highest performance data converters. The device features high performance PLL (phase-locked loop) circuitry, including a flexible 200 MHz phase frequency detector and a digitally controlled charge pump current. The device also provides a low jitter, 655 MHz CMLmode, PECL-compliant output driver with programmable slew rates. External VCO rates up to 2.7 GHz are supported.

FEATURES
   Excellent intrinsic jitter performance
   200 MHz phase frequency detector inputs
   655 MHz programmable input dividers for the phase
      frequency detector (÷M, ÷N) {M, N = 1 to 16} (bypassable)
   Programmable RF divider (÷R) {R = 1, 2, 4, 8} (bypassable)
   8 programmable phase/frequency profiles
   400 MSPS internal DDS clock speed
   48-bit frequency tuning word resolution
   14-bit programmable phase offset
   1.8 V supply for device operation
   3.3 V supply for I/O, CML driver, and charge pump output
   Software controlled power-down
   48-lead LFCSP_VQ package
   Programmable charge pump current (up to 4 mA)
   Dual-mode PLL lock detect
   655 MHz CML-mode PECL-compliant output driver

APPLICATIONS
   Clocking high performance data converters
   Base station clocking applications
   Network (SONET/SDH) clocking
   Gigabit Ethernet (GbE) clocking
   Instrumentation clocking circuits
   Agile LO frequency synthesis
   Automotive radar
   FM chirp source for radar and scanning systems
   Test and measurement equipment
   Acousto-optic device drivers




Similar Part No. - AD9540

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9540 AD-AD9540 Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
AD9540BCPZ AD-AD9540BCPZ Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
AD9540BCPZ-REEL7 AD-AD9540BCPZ-REEL7 Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
More results


Similar Description - AD9540

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
655 MHz Low Jitter Clock Generator
REV. A
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
Ultra-Low Jitter Clock Generator
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
FlexOut Ultra Low Jitter Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com