Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3672 Datasheet (PDF) - Maxim Integrated Products

MAX3672 Datasheet PDF - Maxim Integrated Products
Part # MAX3672
Download  MAX3672 Download
File Size   493.68 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Jitter 155MHz/622MHz Clock Generator

MAX3672 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3672 Datasheet PDF - Maxim Integrated Products

Part # MAX3672
Download  MAX3672 Click to download

File Size   493.68 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Jitter 155MHz/622MHz Clock Generator

MAX3672 Datasheet (HTML) - Maxim Integrated Products


MAX3672 Product details

General Description
The MAX3672 is a low-jitter 155MHz/622MHz reference clock generator IC designed for system clock distribution and frequency synchronization in OC-48 and OC-192 SONET/SDH and WDM transmission systems. The MAX3672 integrates a phase/frequency detector, an operational amplifier (op amp), prescaler dividers, and input/output buffers. Using an external VCO, the MAX3672 can be configured easily as a phase-lock loop with bandwidth programmable from 30Hz to 10kHz.

Features
♦ Single +3.3V or +5.0V Supply
♦ Power Dissipation: 150mW at +3.3V Supply
♦ External VCO Center Frequencies (fVCO): 155MHz to 700MHz
♦ Reference Clock Frequencies: fVCO, fVCO/2, fVCO/4, fVCO/8, fVCO/32
♦ Main Clock Output Frequency: fVCO
♦ Optional Output Clock Frequencies: fVCO, fVCO/2, fVCO/4, fVCO/8
♦ Low Intrinsic Jitter: <0.4psRMS
♦ Loss-of-Lock Indicator
♦ PECL Clock Output Interface

Applications
    OC-12 to OC-192 SONET/WDM Transport Systems
    Clock Jitter Clean-Up and Frequency Synchronization
    Frequency Conversion
    System Clock Distribution




Similar Part No. - MAX3672

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3670 MAXIM-MAX3670 Datasheet
202Kb / 12P
Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
MAX3670EGJ MAXIM-MAX3670EGJ Datasheet
339Kb / 13P
Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3670EGJ MAXIM-MAX3670EGJ Datasheet
202Kb / 12P
Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
MAX3670ETJ+ MAXIM-MAX3670ETJ+ Datasheet
202Kb / 12P
Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
More results


Similar Description - MAX3672

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
logo
Analog Devices
AD9540 AD-AD9540 Datasheet
485Kb / 32P
655 MHz Low Jitter Clock Generator
7/04-Revision 0
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
655 MHz Low Jitter Clock Generator
REV. A
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
Ultra-Low Jitter Clock Generator
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
FlexOut Ultra Low Jitter Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com