Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9540 Datasheet HTML 6Page - Analog Devices AD9540 Datasheet HTML 7Page - Analog Devices AD9540 Datasheet HTML 8Page - Analog Devices AD9540 Datasheet HTML 9Page - Analog Devices AD9540 Datasheet HTML 10Page - Analog Devices AD9540 Datasheet HTML 11Page - Analog Devices AD9540 Datasheet HTML 12Page - Analog Devices AD9540 Datasheet HTML 13Page - Analog Devices AD9540 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD9540
Rev. 0 | Page 10 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Analog Supply Voltage (AVDD)
2 V
Digital Supply Voltage (DVDD)
2 V
Digital I/O Supply Voltage
(DVDD_I/0)
3.6 V
Charge Pump Supply Voltage
(CPVDD)
3.6 V
Maximum Digital Input Voltage
−0.5 V to DVDD_I/O + 0.5 V
Storage Temperature
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature Range
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Thermal Resistance (θJA)
26°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other condition s above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features proprie-
tary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com