Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9540 Datasheet HTML 9Page - Analog Devices AD9540 Datasheet HTML 10Page - Analog Devices AD9540 Datasheet HTML 11Page - Analog Devices AD9540 Datasheet HTML 12Page - Analog Devices AD9540 Datasheet HTML 13Page - Analog Devices AD9540 Datasheet HTML 14Page - Analog Devices AD9540 Datasheet HTML 15Page - Analog Devices AD9540 Datasheet HTML 16Page - Analog Devices AD9540 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD9540
Rev. 0 | Page 13 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
CENTER 10.1MHz
5kHz/
SPAN 50kHz
REF LVL
0dBm
DELTA 1 [T1]
–85.94dB
–2.10420842kHz
RBW
VBW
SWT
RF ATT
UNIT
100Hz
100Hz
25s
20dB
dB
1 AP
A
–20
–40
0
–60
–30
–50
–10
–70
–80
–90
–100
1
1
Figure 4. AD9540 DAC Performance: 400 MSPS Clock,
10 MHz FOUT, 50 kHz Span
CENTER 10.1MHz
100kHz/
SPAN 1MHz
REF LVL
0dBm
DELTA 1 [T1]
–86.03dB
–368.73747495kHz
RBW
VBW
SWT
RF ATT
UNIT
500Hz
500Hz
20s
20dB
dB
1 AP
A
–20
–40
0
–60
–30
–50
–10
–70
–80
–90
–100
1
1
Figure 5. AD9540 DAC Performance: 400 MSPS Clock,
10 MHz FOUT, 1 MHz Span
START 0Hz
20MHz/
STOP 200MHz
REF LVL
0dBm
DELTA 1 [T1]
–64.54dB
100.20040080MHz
RBW
VBW
SWT
RF ATT
UNIT
10kHz
10kHz
5s
20dB
dB
1 AP
A
–20
–40
0
–60
–30
–50
–10
–70
–80
–90
–100
1
1
Figure 6. AD9540 DAC Performance: 400 MSPS Clock,
10 MHz FOUT, 200 MHz Span
CENTER 40.1MHz
5kHz/
SPAN 50kHz
REF LVL
0dBm
DELTA 1 [T1]
–84.94dB
2.10420842kHz
RBW
VBW
SWT
RF ATT
UNIT
100Hz
100Hz
25s
20dB
dB
1 AP
A
–20
–40
0
–60
–30
–50
–10
–70
–80
–90
–100
1
1
Figure 7. AD9540 DAC Performance: 400 MSPS Clock,
40 MHz FOUT, 50 kHz Span
CENTER 40.1MHz
100kHz/
SPAN 1MHz
REF LVL
0dBm
DELTA 1 [T1]
–80.17dB
–200.40080160kHz
RBW
VBW
SWT
RF ATT
UNIT
500Hz
500Hz
20s
20dB
dB
1 AP
A
–20
–40
0
–60
–30
–50
–10
–70
–80
–90
–100
1
1
Figure 8. AD9540 DAC Performance: 400 MSPS Clock,
40 MHz FOUT, 1 MHz Span
START 0Hz
20MHz/
STOP 200MHz
REF LVL
0dBm
DELTA 1 [T1]
–61.61dB
100.20040080MHz
RBW
VBW
SWT
RF ATT
UNIT
10kHz
10kHz
5s
20dB
dB
1 AP
A
–20
–40
0
–60
–30
–50
–10
–70
–80
–90
–100
1
1
Figure 9. AD9540 DAC Performance: 400 MSPS Clock,
40 MHz FOUT, 200 MHz Span (Nyquist)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com