Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9540 Datasheet HTML 3Page - Analog Devices AD9540 Datasheet HTML 4Page - Analog Devices AD9540 Datasheet HTML 5Page - Analog Devices AD9540 Datasheet HTML 6Page - Analog Devices AD9540 Datasheet HTML 7Page - Analog Devices AD9540 Datasheet HTML 8Page - Analog Devices AD9540 Datasheet HTML 9Page - Analog Devices AD9540 Datasheet HTML 10Page - Analog Devices AD9540 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9540
Rev. 0 | Page 7 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
I/O Update to SYNC_CLK Setup Time
7
ns
PS<2:0> to SYNC_CLK Setup Time
7
ns
Latencies/Pipeline Delays
I/O Update to DAC Frequency Change
33
SYSCLK Cycles
I/O Update to DAC Phase Change
33
SYSCLK Cycles
PS<2:0> to DAC Frequency Change
29
SYSCLK Cycles
PS<2:0> to DAC Phase Change
29
SYSCLK Cycles
I/O Update to CP_OUT Scaler Change
4
SYSCLK Cycles
I/O Update to Frequency Accumulator
Step Size Change
4
SYSCLK Cycles
DAC OUTPUT CHARACTERISTICS
Resolution
10
Bits
Full-Scale Output Current
10
15
mA
Gain Error
−10
+10
% FS
Output Offset
0.6
µA
Output Capacitance
5
pF
Voltage Compliance Range
AVDD − 0.50
AVDD + 0.50
Wideband SFDR (DC to Nyquist)
10 MHz Analog Out
65
dBc
40 MHz Analog Out
62
dBc
80 MHz Analog Out
57
dBc
120 MHz Analog Out
56
dBc
160 MHz Analog Out
54
dBc
Narrow-Band SFDR
10 MHz Analog Out (±1 MHz)
83
dBc
10 MHz Analog Out (±250 kHz)
85
dBc
10 MHz Analog Out (±50 kHz)
86
dBc
40 MHz Analog Out (±1 MHz)
82
dBc
40 MHz Analog Out (±250 kHz)
84
dBc
40 MHz Analog Out (±50 kHz)
87
dBc
80 MHz Analog Out (±1 MHz)
80
dBc
80 MHz Analog Out (±250 kHz)
82
dBc
80 MHz Analog Out (±50 kHz)
86
dBc
120 MHz Analog Out (±1 MHz)
80
dBc
120 MHz Analog Out (±250 kHz)
82
dBc
120 MHz Analog Out (±50 kHz)
84
dBc
160 MHz Analog Out (±1 MHz)
80
dBc
160 MHz Analog Out (±250 kHz)
82
dBc
160 MHz Analog Out (±50 kHz)
84
dBc
DAC RESIDUAL PHASE NOISE
19.7 MHz FOUT
@ 10 Hz Offset
122
dBc/Hz
@ 100 Hz Offset
134
dBc/Hz
@ 1 kHz Offset
143
dBc/Hz
@ 10 kHz Offset
150
dBc/Hz
@ 100 kHz Offset
158
dBc/Hz
>1 MHz Offset
160
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com